Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 64 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 64 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 60Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 61Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 62Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 63Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 64Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 65Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 66Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
64
Oct. 1999 ver 1.0
21. RESET
The reset input is the RESET pin, which is the input to a
Schmitt Trigger. A reset in accomplished by holding the
RESET pin low for at least 8 oscillator periods, while the
oscillator running. After reset, 64ms (at 4 MHz) add with
7 oscillator periods are required to start execution as shown
in Figure 21-1 .
Internal RAM is not affected by reset. When VDD is turned
on, the RAM content is indeterminate. Therefore, this
RAM should be initialized before reading or testing it.
Initial state of each register is shown as Table 11-3 .
Figure 21-1 Timing Diagram after RESET
MAIN PROGRAM
Oscillator
(XIN pin)
?
?
FFFE FFFF
Stabilization Time
tST = 64mS at 4MHz
RESET
ADDRESS
DATA
1
2
3
4
5
6
7
??
Start
?
?
?
FE
?
ADL
ADH
OP
BUS
BUS
RESET Process Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com