Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 49Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 50Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 51Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 52Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 54Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 55Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 56Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
53
18. INTERRUPTS
The GMS87C1202 interrupt circuits consist of Interrupt
enable register (IENH, IENL), Interrupt request flags of
IRQH, IRQL, Interrupt Edge Selection Register (IEDS),
priority circuit and Master enable flag("I" flag of PSW).
The configuration of interrupt circuit is shown in Figure
18-1 and Interrupt priority is shown in Table 18-1 .
The External Interrupts INT0 and INT1 can each be transi-
tion-activated (1-to-0, 0-to-1 and both transiton).
The flags that actually generate these interrupts are bit
INT0IFand INT1IF in Register IRQH. When an external
interrupt is generated, the flag that generated it is cleared
by the hardware when the service routine is vectored to
only if the interrupt was transition-activated.
The Timer 0 and Timer 1 Interrupts are generated by T0IF,
T1IF, which are set by a match in their respective timer/
counter register. The AD converter Interrupt is generated
by ADIF which is set by finishing the analog to digital con-
version. The Watch dog timer Interrupt is generated by
WDTIF which set by a match in Watch dog timer register
( when the bit WDTON is set to "0"). The Basic Interval
Timer Interrupt is generated by BITIF which is set by a
overflowing of the Basic Interval Timer Register(BITR).
.
Figure 18-1 Block Diagram of Interrupt Function
The interrupts are controlled by the interrupt master enable
flag I-flag (bit 2 of PSW), the interrupt enable register
(IENH, IENL) and the interrupt request flags (in IRQH,
IRQL) except Power-on reset and software BRK interrupt.
Interrupt enable registers are shown in Figure 18-2 . These
registers are composed of interrupt enable flags of each in-
terrupt source, these flags determines whether an interrupt
will be accepted or not. When enable flag is "0", a corre-
sponding interrupt source is prohibited. Note that PSW
contains also a master enable bit, I-flag, which disables all
interrupts at once.
BIT
BITIF
WDTIF
WDT
A/D Converter
Timer 1
Timer 0
External Int. 1
External Int. 0
IENH
Interrupt Enable
Interrupt Enable
IRQH
IRQL
Interrupt
Vector
Address
Generator
Internal bus line
Register (Lower byte)
Internal bus line
Register (Higher byte)
Release STOP
To CPU
Interrupt Master
Enable Flag
I Flag
IENL
I-flag is in PSW, it is cleared by “DI”, set by
“EI” instruction.When it goes interrupt service,
I-flag is cleared by hardware, thus any other
interrupt are inhibited. When interrupt service is
completed by “RETI” instruction, I-flag is set to
“1” by hardware.
INT0IF
INT1IF
T0IF
T1IF
ADIF
7
6
5
4
7
6
5
IEDS
Reset/Interrupt
Symbol
Priority
Vector Addr.
Hardware Reset
External Interrupt 0
External Interrupt 1
Timer 0
Timer 1
A/D Converter
Watch Dog Timer
Basic Interval Timer
RESET
INT0
INT1
Timer 0
Timer 1
A/D C
WDT
BIT
-
1
2
3
4
5
6
7
FFFEH
FFFAH
FFF8H
FFF6H
FFF4H
FFEAH
FFE8H
FFE6H
Table 18-1 Interrupt Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com