Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 54Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 55Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 56Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 57Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 58Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 59Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 60Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
57
18.4 External Interrupt
The external interrupt on INT0 and INT1 pins are edge
triggered depending on the edge selection register IEDS
(address 0E6H) as shown in Figure 18-6 .
The edge detection of external interrupt has three transition
activated mode: rising edge, falling edge, and both edge
.
Figure 18-6 External Interrupt Block Diagram
Example: To use as an INT0 and INT1
:
:
;
**** Set port as an input port RB2,RB3
LDM
RBIO,#1111_0011B
;
;
;
**** Set port as an interrupt port
LDM
RBFUNC,#0C0H
;
;
;
**** Set Falling-edge Detection
LDM
IEDS,#0000_0101B
:
:
Response Time
The INT0 and INT1 edge are latched into INT0IF and
INT1IF at every machine cycle. The values are not actually
polled by the circuitry until the next machine cycle. If a re-
quest is active and conditions are right for it to be acknowl-
edged, a hardware subroutine call to the requested service
routine will be the next instruction to be executed. The
DIV itself takes twelve cycles. Thus, a minimum of twelve
complete machine cycles elapse between activation of an
external interrupt request and the beginning of execution
of the first instruction of the service routine.
Below shows interrupt response timings.
Figure 18-7 Interrupt Response Timing Diagram
INT0IF
INT0 pin
INT0 INTERRUPT
INT1IF
INT1 pin
INT1 INTERRUPT
IEDS
[0E6H]
INT0 edge select
Ext. Interrupt Edge Selection
IEDS
ADDRESS : 0E6H
RESET VALUE : 00000000
00: Int. disable
W
WWW
W
W
01: falling
10: rising
11: both
INT1 edge select
00: Int. disable
01: falling
10: rising
11: both
Register
WW
Interrupt
goes
active
Interrupt
latched
Interrupt
processing
Interrupt
routine
8 fOSC
max. 12 fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com