Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 40Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 41Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 42Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 43Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 44Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 45Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 46Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
43
15.2 16-bit Timer/Counter Mode
The Timer register is being run with 16 bits. A 16-bit timer/
counter register T0, T1 are increased from 0000H until it
matches TDR0, TDR1 and then resets to 0000H. The
match output generates Timer 0 interrupt not Timer 1 in-
terrupt.
The clock source of the Timer 0 is selected either internal
or external clock by bit T0CK2, T0CK1 and T0SL0.
In 16-bit mode, the bits T1CK1,T1CK0 and 16BIT of TM1
should be set to "1" respectively.
Figure 15-5 16-bit Timer / Counter Mode
15.3 8-bit Compare Output ( 16-bit )
The GMS87C1201 and GMS87C1202 has a function of
Timer Compare Output. To pulse out, the timer match can
goes to port pin( COMP0 ) as shown in Figure 15-2 and
Figure 15-5 . Thus, pulse out is generated by the timer
match. These operation is implemented to pin, RB4/
COMP0/PWM.
This pin output the signal having a 50 : 50 duty square
wave, and output frequency is same as below equation.
In this mode, the bit PWMO of RB function register (RB-
FUNC) should be set to "1", and the bit PWME of timer1
mode register ( TM1 ) should be set to "0".
In addition, 16-bit Compare output mode is also available.
15.4 8-bit Capture Mode
The Timer 0 capture mode is set by bit CAP0 of timer
mode register TM0 (bit CAP1 of timer mode register TM1
for Timer 1) as shown in Figure 15-6.
As mentioned above, not only Timer 0 but Timer 1 can also
be used as a capture mode.
The Timer/Counter register is increased in response inter-
nal or external input. This counting function is same with
normal timer mode, and Timer interrupt is generated when
timer register T0 (T1) increases and matches TDR0
(TDR1).
TM0
ADDRESS : D0H
RESET VALUE : --000000
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWME
CAP1
T1CK1
T1CK0
T1CN
T1ST
--
0
XXXXX
X
10011
XX
÷ 2
÷ 4
÷ 128
÷ 512
÷ 8
÷ 32
fxin
EC0
Edge Detector
MUX
1
T1 ( 8-bit )
TDR1 ( 8-bit )
T0IF
CLEAR
COMPARATOR
TIMER 0
INTERRUPT
T0 ( 8-bit )
TDR0 ( 8-bit )
T0ST
0 : Stop
1 : Clear and Start
T0CN
T0CK[2:0]
F/F
COMP0 PIN
÷ 2048
X : The value "0" or "1" corresponding your operation.

 
   
  )
+
(
×
×
-------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com