Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 20Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 21Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 22Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 23Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 24Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 25Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 26Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 27Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
24
Oct. 1999 ver 1.0
11.2 Program Memory
A 16-bit program counter is capable of addressing up to
64K bytes, but this device has 2K bytes program memory
space only the physically implemented. Accessing a loca-
tion above FFFFH will cause a wrap-around to 0000H.
Figure 11-5 shows a map of the upper part of the Program
Memory. After reset, the CPU begins execution from reset
vector which is stored in address FFFEH, FFFFH.
As shown in Figure 11-5, each area is assigned a fixed lo-
cation in Program Memory. Program Memory area con-
tains the user program, Page Call (PCALL) area contains
subroutine program, to reduce program byte length be-
cause of using by 2 bytes PCALL instead of 3 bytes CALL
instruction. If it is frequently called, more useful to save
program byte length.
Figure 11-4 Program Memory Map
The Device Configuration Area can be programmed or left
unprogrammed to select device configuration such as RC
oscillation option. This area is not accessible during nor-
mal execution but is readable and writable during program
/ verify.
More detail informations are explained in device configu-
ration area section.
Table Call (TCALL) causes the CPU to jump to each
TCALL address, where it commences execution of the
service routine. The Table Call service locations are
spaced at 2-byte interval : FFC0H for TCALL15, FFC2H
for TCALL14, etc.
The interrupt causes the CPU to jump to specific location,
where it commences execution of the service routine. The
External interrupt 0, for example, is assigned to location
FFFAH. The interrupt service locations are spaced at 2-
byte interval : FFF8H for External Interrupt 1, FFFAH for
External Interrupt 0, etc.
As for the area from FF00H to FFFFH, if any area of them
is not going to be used, its service location is available as
general purpose Program Memory.
Page Call (PCALL) area contains subroutine program to
PROGRAM
MEMORY
PCALL
AREA
TCALL
AREA
INTERRUPT
VECTOR AREA
F800H
FEFFH
FF00H
FFBFH
FFC0H
FFDFH
FFE0H
FFFFH
DEVICE
NOT USED
0F50H
0F50H
0FF0H
0FF0H
ID
CONFIG
CONFIGURATION
AREA
0F60H
ID
0F70H
ID
0F80H
ID
0F90H
ID
0FA0H
ID
0FB0H
ID
0FC0H
ID
0FD0H
ID
0FE0H
ID
Address
TCALL Name
FFC0H
FFC2H
FFC4H
FFC6H
FFC8H
FFCAH
FFCCH
FFCEH
FFD0H
FFD2H
FFD4H
FFD6H
FFD8H
FFDAH
FFDCH
FFDEH
TCALL15
TCALL14
TCALL13
TCALL12
TCALL11
TCALL10
TCALL9
TCALL8
TCALL7
TCALL6
TCALL5
TCALL4
TCALL3
TCALL2
TCALL1
TCALL0 / BRK 1
1.
The BRK software interrupt is using same address
with TCALL0.
Table 11-1 TCALL Vectors
Address
Vector Name
FFE0H
FFE2H
FFE4H
FFE6H
FFE8H
FFEAH
FFECH
FFEEH
FFF0H
FFF2H
FFF4H
FFF6H
FFF8H
FFFAH
FFFCH
FFFEH
Not Used
Not Used
Not Used
Basic Interval Timer
Watchdog Timer
A/D Converter
Not Used
Not Used
Not Used
Not Used
Timer / Counter 1
Timer / Counter 0
External Interrupt 1
External Interrupt 0
Not Used
RESET
Table 11-2 Interrupt Vectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com