Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 71 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 71 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 69Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 70Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 71Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 72Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 73Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 74Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
71
Table 23-3 AC/DC Requirements for Program/Read Mode
Parameter
Symbol
MIN
TYP
MAX
Unit
Programming Supply Current
IVPP
--
50
mA
Supply Current in EPROM Mode
IVDDP
--
20
mA
VPP Level during Programming
VIHP
12.0
12.5
13.0
V
VDD Level in Program Mode
VDD1H
56
6.5
V
VDD Level in Read Mode
VDD2H
-2.7
-
V
CTL2~0 High Level in EPROM Mode
VIHC
0.8VDD
--
V
CTL2~0 Low Level in EPROM Mode
VILC
--
0.2VDD
V
A_D7~A_D0 High Level in EPROM Mode
VIHAD
0.9VDD
--
V
A_D7~A_D0 Low Level in EPROM Mode
VILAD
--
0.1VDD
V
VDD Saturation Time
TVDDS
1-
-
mS
VPP Setup Time
TVPPR
--
1
mS
VPP Saturation Time
TVPPS
1-
-
mS
EPROM Enable Setup Time after Data Input
TSET1
200
nS
EPROM Enable Hold Time after TSET1
THLD1
500
nS
EPROM Enable Delay Time after THLD1
TDLY1
200
nS
EPROM Enable Hold Time in Write Mode
THLD2
100
nS
EPROM Enable Delay Time after THLD2
TDLY2
200
nS
CTL2,1 Setup Time after Low Address input and Data input
TCD1
100
nS
CTL1 Setup Time before Data output in Read and Verify Mode
TCD2
100
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com