| Electronic Components Datasheet Search |
|
GMS87C1102 Datasheet(PDF) 56 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS87C1102 Datasheet(HTML) 56 Page - Hynix Semiconductor |
|
56 / 80 page ![]() GMS87C1102 / GMS87C1202 HYUNDAI MicroElectronics 56 Oct. 1999 ver 1.0 18.2 BRK Interrupt Software interrupt can be invoked by BRK instruction, which has the lowest priority order. Interrupt vector address of BRK is shared with the vector of TCALL 0 (Refer to Program Memory Section). When BRK interrupt is generated, B-flag of PSW is set to distin- guish BRK from TCALL 0. Each processing step is determined by B-flag as shown in Figure 18-4. Figure 18-4 Execution of BRK/TCALL0 18.3 Multi Interrupt If two requests of different priority levels are received si- multaneously, the request of higher priority level is ser- viced. If requests of the interrupt are received at the same time simultaneously, an internal polling sequence deter- mines by hardware which request is serviced. However, multiple processing through software for special features is possible. Generally when an interrupt is accept- ed, the I-flag is cleared to disable any further interrupt. But as user sets I-flag in interrupt routine, some further inter- rupt can be serviced even if certain interrupt is in progress. Example: Even though Timer1 interrupt is in progress, INT0 interrupt serviced without any suspend. TIMER1: PUSH A PUSH X PUSH Y LDM IENH,#80H ; Enable INT0 only LDM IENL,#0 ; Disable other EI ; Enable Interrupt : : : : : : LDM IENH,#0FFH ; Enable all interrupts LDM IENL,#0F0H POP Y POP X POP A RETI Figure 18-5 Execution of Multi Interrupt B-FLAG BRK INTERRUPT ROUTINE RETI TCALL0 ROUTINE RET BRK or TCALL0 =0 =1 enable INT0 TIMER 1 service INT0 service Main Program service Occur TIMER1 interrupt Occur INT0 EI disable other enable INT0 enable other In this example, the INT0 interrupt can be serviced without any pending, even TIMER1 is in progress. Because of re-setting the interrupt enable registers IENH,IENL and master enable "EI" in the TIMER1 routine. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |