Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 15Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 16Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 17Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 18Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 19Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 20Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 21Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
18
Oct. 1999 ver 1.0
10.8 Typical Characteristics
This graphs and tables provided in this section are for de-
sign guidance only and are not tested or guranteed.
In some graphs or tables the data presented are out-
side specified operating range (e.g. outside specified
VDD range). This is for imformation only and divices
are guranteed to operate properly only within the
specified range.
The data presented in this section is a statistical summary
of data collected on units from different lots over a period
of time. “Typical” represents the mean of the distribution
while “max” or “min” represents (mean + 3
σ) and (mean −
3
σ) respectively where σ is standard deviation
Ta= 25
°C
Ta=25
°C
IDD−VDD
8
6
4
2
0
(mA)
IDD
23
45
6
VDD
(V)
Normal Operation
8
6
4
2
0
(MHz)
fXIN
23
45
6
VDD
(V)
Operating Area
8MHz
4MHz
12
IWKUP−VDD
2.0
1.5
1.0
0.5
0
(mA)
IDD
23
45
6
VDD
(V)
Wake-up Timer Mode
IRCWDT−VDD
400
300
200
100
0
(
µA)
IDD
23
45
6
VDD
(V)
RC-WDT in Stop Mode
Ta=25
°C
8MHz
4MHz
fXIN = 4/8/12MHz
4MHz
Ta=25
°C
fXIN = 12MHz
fXIN = 12MHz
Frequency affects
the current so little.
10
ISTOP−VDD
0.8
0.6
0.4
0.2
0
(
µA)
IDD
23
45
6
VDD
(V)
Stop Mode
25
°C, 125°C
Ta = - 40
°C
fXIN=8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com