Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 31Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 32Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 33Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 34Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 35Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 36Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 37Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 38Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
35
12.2 RB and RBIO registers
RB is a 5-bit bidirectional I/O port (address C2H). Each
pin can be set individually as input and output through the
RBIO register (address C3H).
Figure 12-3 Registers of Port RB
In addition, Port RB is multiplexed with various special
features. The control register RBFUNC (address CBH)
controls to select alternate function. After reset, this value
is "0", port may be used as general I/O ports. To select al-
ternate function such as External interrupt or Timer com-
pare output, write "1" to the corresponding bit of
RBFUNC.
Regardless of the direction register RBIO, RBFUNC is se-
lected to use as alternate functions, port pin can be used as
a corresponding alternate features.
RB4 RB3 RB 2
RB1 RB0
INPUT / OUTPUT DATA
RB Data Register
RB
ADDRESS : C2H
RESET VALUE : Undefined
AVREFS
RB Function Selection Register
RBFUNC
ADDRESS : CBH
RESET VALUE : ---00000
BUZO
INT0I
INT1I
PWMO
0 : RB0 when ANSEL0 = 0, AN0 when ANSEL0 = 1
0 : RB1
1 : BUZ Output
0 : RB4
1 : PWM0 Output or
0 : RB2
1 : INT0
0 : RB3
1 : INT1
PUP0
Pull-up Selection Register
PUPSEL
ADDRESS : CCH
RESET VALUE : ------00
-
PUP1
-
-
-
0 : No Pull-up
1 : With Pull-up
0 : No Pull-up
1 : With Pull-up
IED0L
Interrupt Edge Selection Register
IEDS
ADDRESS : E6H
RESET VALUE : ----0000
IED0H
IED1L
IED1H
External Interrupt Edge Select
INT0
INT1
00 : Normal I/O port
01 : Falling ( 1-to-0 transition )
10 : Rising ( 0-to-1 transition )
11 : Both ( Rising & Falling )
Compare Output
RB2 / INT0 Pull-up
RB3 / INT1 Pull-up
1 : AVref
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
-
-
-
RB4 RB3 RB2 RB1 RB0
RB Direction Register
RBIO
ADDRESS : C3H
RESET VALUE : ---00000
The shaded areas are only related with in GMS87C1202/1201.
So in GMS87C1102/1101, this area must be written to “0”.
PORT
RBFUNC.4~0
Description
RB4/
PWM0/
COMP0
0
RB4 ( Normal I/O Port )
1
PWM0 Output /
Timer1 Compare Output
RB3/INT1
0
RB3 ( Normal I/O Port )
1
External Interrupt Input 1
RB2/INT0
0
RB2 ( Normal I/O Port )
1
External Interrupt Input 0
RB1/BUZ
0
RB1 ( Normal I/O Port )
1
Buzzer Output
RB0/AN0/
AVref
01
RB0 ( Normal I/O Port ) /
AN0 (ANSEL0=1)
12
External Analog Reference
Voltage
1. When ANSEL0 = "0", this port is defined for normal I/O port
( RB0 ).
When ANSEL0 = "1" and ADS2~0 = " 000", this port
can be used Analog Input Port ( AN0 ).
2. When this bit set to "1", this port defined for AVref , so it can
not be used Analog Input Port AN0 and Normal I/O
Port RB0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com