Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 27Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 28Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 29Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 30Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 31Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 32Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 33Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 34Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 35Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
31
The operation within data memory (RAM)
ASL, BIT, DEC, INC, LSR, ROL, ROR
Example; Addressing accesses the address 0035H .
983500
INC
!0035H
;A
←RAM[035H]
(5) Indexed Addressing
X indexed direct page (no offset)
→
→
→
→ {X}
In this mode, a address is specified by the X register.
ADC, AND, CMP, EOR, LDA, OR, SBC, STA, XMA
Example; X=15H
D4
LDA
{X}
;ACC
←RAM[X].
X indexed direct page, auto increment
→
→
→
→ {X}+
In this mode, a address is specified within direct page by
the X register and the content of X is increased by 1.
LDA, STA
Example; X=35H
DB
LDA
{X}+
X indexed direct page (8 bit offset)
→
→
→
→ dp+X
This address value is the second byte (Operand) of com-
mand plus the data of
-register. And it assigns the mem-
ory in Direct page.
ADC, AND, CMP, EOR, LDA, LDY, OR, SBC, STA
STY, XMA, ASL, DEC, INC, LSR, ROL, ROR
Example; X=015H
C645
LDA
45H+X
98
0FA00H
~
~
~
~
data
0035H
–
00
0FA02H
35
0FA01H
—
data+1
→ data
˜
address: 0035
data
D4
15H
0FA50H
data
→ A
—
–
~
~
~
~
data
DB
35H
data
→ A
—
–
~
~
~
~
36H
→ X
data
45
5AH
0FB51H
data
→ A
—
–
~
~
~
~
C6
0FB50H
45H+15H=5AH
˜



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com