Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 8Page - Intel Corporation 80960CF-30 Datasheet HTML 9Page - Intel Corporation 80960CF-30 Datasheet HTML 10Page - Intel Corporation 80960CF-30 Datasheet HTML 11Page - Intel Corporation 80960CF-30 Datasheet HTML 12Page - Intel Corporation 80960CF-30 Datasheet HTML 13Page - Intel Corporation 80960CF-30 Datasheet HTML 14Page - Intel Corporation 80960CF-30 Datasheet HTML 15Page - Intel Corporation 80960CF-30 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
Table 3 80960CF Pin DescriptionProcessor Control Signals
(Continued)
Name
Type
Description
STEST
I
SELF TEST
causes the processor’s internal self-test feature to be enabled or
disabled at initialization STEST is read on the rising edge of RESET When asserted
S(L)
the processor’s internal self-test and external bus confidence tests are performed
H(Z)
during processor initialization When deasserted only the external bus confidence
R(Z)
tests are performed during initialization
ONCE
I
ON CIRCUIT EMULATION
causes all outputs to be floated when asserted ONCE is
continuously sampled while RESET is low and is latched on the rising edge of
A(L)
RESET To place the processor in the ONCE state
H(Z)
(1)
assert RESET and ONCE (order does not matter)
R(Z)
(2)
wait for at least 16 CLKIN periods in 2-x mode or 10000 CLKIN periods in 1-x
mode after VCC and CLKIN are within operating specifications
(3)
deassert RESET
(4)
wait at least 32 CLKIN periods
(The processor is now latched in the ONCE state as long as RESET is high)
To exit the ONCE state bring VCC and CLKIN to operating conditions then assert
RESET and bring ONCE high prior to deasserting RESET
CLKIN must operate within the specified operating conditions of the processor until
step 4 above is completed The CLKIN may then be changed to DC to achieve the
lowest possible ONCE mode leakage current
ONCE can be used by emulator products or for board testers to effectively make an
installed processor transparent in the board
CLKIN
I
CLOCK INPUT
is an input for the external clock needed to run the processor The
external clock is internally divided as prescribed by the CLKMODE pin to produce
A(E)
PCLK21
H(Z)
R(Z)
CLKMODE
I
CLOCK MODE
selects the division factor applied to the external clock input (CLKIN)
When CLKMODE is high CLKIN is divided by one to create PCLK21 and the
A(L)
processor’s internal clock When CLKMODE is low CLKIN is divided by two to create
H(Z)
PCLK21 and the processor’s internal clock CLKMODE should be tied high or low in
R(Z)
a system as the clock mode is not latched by the processor If left unconnected the
processor internally pulls the CLKMODE pin low enabling the 2-x clock mode
PCLK2
O
PROCESSOR OUTPUT CLOCKS
provide a timing reference for all inputs and
outputs of the processor All inputs and output timings are specified in relation to
PCLK1
S
PCLK2 and PCLK1 PCLK2 and PCLK1 are identical signals Two output pins are
H(Q)
provided to allow flexibility in the system’s allocation of capacitive loading on the
R(Q)
clock PCLK21 may also be connected at the processor to form a single clock signal
VSS
GROUND
connections consist of 24 pins which must be connected externally to a
VSS board plane
VCC
POWER
connections consist of 24 pins which must be connected externally to a VCC
board plane
VCCPLL
VCCPLL is a separate VCC supply pin for the phase lock loop used in 1x clock mode
Connecting a simple low pass filter to VCCPLL may help reduce clock jitter (TCP)in
noisy environments Otherwise VCCPLL should be connected to VCC
NC
NO CONNECT
pins must not be connected in a system
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com