Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 19 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 15Page - Intel Corporation 80960CF-30 Datasheet HTML 16Page - Intel Corporation 80960CF-30 Datasheet HTML 17Page - Intel Corporation 80960CF-30 Datasheet HTML 18Page - Intel Corporation 80960CF-30 Datasheet HTML 19Page - Intel Corporation 80960CF-30 Datasheet HTML 20Page - Intel Corporation 80960CF-30 Datasheet HTML 21Page - Intel Corporation 80960CF-30 Datasheet HTML 22Page - Intel Corporation 80960CF-30 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
Table 7 Ceramic PGA Package Dimension Symbols
Letter or
Description of Dimensions
Symbol
A
Distance from seating plane to highest point of body
A1
Distance between seating plane and base plane (lid)
A2
Distance from base plane to highest point of body
A3
Distance from seating plane to bottom of body
B
Diameter of terminal lead pin
D
Largest overall package dimension of length
D1
A body length dimension outer lead center to outer lead center
e1
Linear spacing between true lead position centerlines
L
Distance from seating plane to end of lead
S1
Other body dimension outer lead center to edge of body
NOTES
1 Controlling dimension millimeter
2 Dimension ‘‘e1’’ (‘‘e’’) is non-cumulative
3 Seating plane (standoff) is defined by PC board hole size 00415 – 00430 inch
4 Dimensions ‘‘B’’ ‘‘B1’’ and ‘‘C’’ are nominal
5 Details of Pin 1 identifier are optional
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com