Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 11Page - Intel Corporation 80960CF-30 Datasheet HTML 12Page - Intel Corporation 80960CF-30 Datasheet HTML 13Page - Intel Corporation 80960CF-30 Datasheet HTML 14Page - Intel Corporation 80960CF-30 Datasheet HTML 15Page - Intel Corporation 80960CF-30 Datasheet HTML 16Page - Intel Corporation 80960CF-30 Datasheet HTML 17Page - Intel Corporation 80960CF-30 Datasheet HTML 18Page - Intel Corporation 80960CF-30 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
Table 6 PGA Pin Name with Package Location (Pin Order)
Address Bus
Data Bus
Bus Control
Processor Control
IO
Location
Name
Location
Name
Location
Name
Location
Name
Location
Name
A01
NC
C01
D3
G01
D9
M01
D16
R01
D24
A02
FAIL
C02
D1
G02
VCC
M02
VCC
R02
D27
A03
NC
C03
ONCE
G03
VSS
M03
VSS
R03
D31
A04
NC
C04
NC
G15
VSS
M15
VSS
R04
BTERM
A05
NC
C05
NC
G16
A7
M16
VCC
R05
HOLD
A06
DREQ1
C06
VCC
G17
A8
M17
A14
R06
ADS
A07
DREQ3
C07
VSS
R07
VCC
A08
DACK1
C08
VSS
H01
D11
N01
D17
R08
VCC
A09
DACK2
C09
VSS
H02
D10
N02
D18
R09
BE0
A10
DACK3
C10
VSS
H03
VSS
N03
VCC
R10
VCC
A11
EOPTC0
C11
VSS
H15
VSS
N15
VCC
R11
VCC
A12
EOPTC1
C12
VSS
H16
VCC
N16
A16
R12
DMA
A13
EOPTC2
C13
CLKIN
H17
A9
N17
A15
R13
BREQ
A14
EOPTC3
C14
CLKMODE
R14
A29
A15
XINT1
C15
XINT4
J01
D12
P01
D19
R15
A26
A16
RESET
C16
XINT6
J02
VCC
P02
D20
R16
A23
A17
XINT2
C17
XINT7
J03
VSS
P03
D22
R17
A22
J15
VSS
P15
A20
B01
BOFF
D01
D5
J16
VCC
P16
A19
S01
D25
B02
STEST
D02
D2
J17
A10
P17
A17
S02
D29
B03
NC
D03
NC
S03
READY
B04
NC
D15
NMI
K01
D13
Q01
D21
S04
HOLDA
B05
DREQ0
D16
A2
K02
VCC
Q02
D23
S05
BE3
B06
DREQ2
D17
A3
K03
VSS
Q03
D26
S06
BE2
B07
VCC
K15
VSS
Q04
D28
S07
BE1
B08
DACK0
E01
D7
K16
VCC
Q05
D30
S08
BLAST
B09
VCC
E02
D4
K17
A11
Q06
VCC
S09
DEN
B10
VCCPLL
E03
D0
Q07
VSS
S10
WR
B11
VCC
E15
VCC
L01
D15
Q08
VSS
S11
DTR
B12
VCC
E16
A4
L02
D14
Q09
VSS
S12
WAIT
B13
PCLK2
E17
A5
L03
VSS
Q10
VSS
S13
DC
B14
PCLK1
L15
VSS
Q11
VSS
S14
LOCK
B15
XINT0
F01
D8
L16
A13
Q12
SUP
S15
A31
B16
XINT3
F02
D6
L17
A12
Q13
A30
S16
A27
B17
XINT5
F03
VCC
Q14
A28
S17
A25
F15
VSS
Q15
A24
F16
VCC
Q16
A21
F17
A6
Q17
A18
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com