Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 23 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 19Page - Intel Corporation 80960CF-30 Datasheet HTML 20Page - Intel Corporation 80960CF-30 Datasheet HTML 21Page - Intel Corporation 80960CF-30 Datasheet HTML 22Page - Intel Corporation 80960CF-30 Datasheet HTML 23Page - Intel Corporation 80960CF-30 Datasheet HTML 24Page - Intel Corporation 80960CF-30 Datasheet HTML 25Page - Intel Corporation 80960CF-30 Datasheet HTML 26Page - Intel Corporation 80960CF-30 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
44
DC Specifications
DC Characteristics
(80960CF-30 -25 -16 under the conditions described in Section 42 Operating Conditions )
Symbol
Parameter
Min
Max
Units
Notes
VIL
Input Low Voltage for all pins except RESET
b
03
08
V
VIH
Input High Voltage for all pins except RESET
20
VCC a 03
V
VOL
Output Low Voltage
045
V
IOLe 5mA
VOH
Output High Voltage
IOH eb1mA
24
V
IOH eb200mAVCC b 05
V
VILR
Input Low Voltage for RESET
b
03
15
V
VIHR
Input High Voltage for RESET
35
VCC a 03
V
ILI1
Input Leakage Current for each pin
except
BTERM ONCE DREQ30 STEST
EOP30 TC30 NMI XINT70
READY HOLD BOFF CLKMODE
g
15
m
A0VsVINsVCC (1)
ILI2
Input Leakage Current for
BTERM ONCE DREQ30 STEST
EOP30 TC30 NMI XINT70 BOFF
0
b
325
m
AVIN e 045V (2)
ILI3
Input Leakage Current for
READY HOLD CLKMODE
0
500
m
AVIN e 24V (3)
ILO
Output Leakage Current
g
15
m
A
045VsVOUTsVCC
ICC
Supply Current (80960CF-30)
ICC Max
1150
mA
(4)
ICC Typ
960
(5)
ICC
Supply Current (80960CF-25)
ICC Max
950
mA
(4)
ICC Typ
775
(5)
ICC
Supply Current (80960CF-16)
ICC Max
750
mA
(4)
ICC Typ
575
(5)
IONCE
ONCE-mode Supply Current
150
mA
CIN
Input Capacitance for
CLKIN RESET ONCE
READY HOLD DREQ30 BOFF
XINT70 NMI BTERM CLKMODE
0
12
pF
FC e 1 MHz
COUT
Output Capacitance of each output pin
12
pF
FC e 1 MHz (6)
CIO
IO Pin Capacitance
12
pF
FC e 1 MHz
NOTES
(1) No Pull-up or pull-down
(2) These pins have internal pullup resistors
(3) These pins have internal pulldown resistors
(4) Measured at worst case frequency VCC and temperature with device operating and outputs loaded to the test conditions
described in Section 451 AC Test Conditions
(5) ICC Typical is not tested
(6) Output Capacitance is the capacitive load of a floating output
(7) CLKMODE pin has a pulldown resistor only when ONCE pin is deasserted
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com