Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 10Page - Intel Corporation 80960CF-30 Datasheet HTML 11Page - Intel Corporation 80960CF-30 Datasheet HTML 12Page - Intel Corporation 80960CF-30 Datasheet HTML 13Page - Intel Corporation 80960CF-30 Datasheet HTML 14Page - Intel Corporation 80960CF-30 Datasheet HTML 15Page - Intel Corporation 80960CF-30 Datasheet HTML 16Page - Intel Corporation 80960CF-30 Datasheet HTML 17Page - Intel Corporation 80960CF-30 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
33
80960CF Pinout
331 80960CF PGA PINOUT
Tables 5 and 6 list the 80960CF pin names with
package location Figure 4-a depicts the complete
80960CF pinout as viewed from the top side of the
component (ie pins facing down) Figure 4b shows
the complete 80960CF pinout as viewed from the
pin-side of the package (ie
pins facing up) See
Section 40 Electrical Specifications
for specifica-
tions and recommended connections
Table 5 PGA Pin Name with Package Location (Signal Order)
Address Bus
Data Bus
Bus Control
Processor Control
IO
Name
Location
Name
Location
Name
Location
Name
Location
Name
Location
A31
S15
D31
R03
BE3
S05
RESET
A16
DREQ3
A07
A30
Q13
D30
Q05
BE2
S06
DREQ2
B06
A29
R14
D29
S02
BE1
S07
FAIL
A02
DREQ1
A06
A28
Q14
D28
Q04
BE0
R09
DREQ0
B05
A27
S16
D27
R02
STEST
B02
A26
R15
D26
Q03
WR
S10
DACK3
A10
A25
S17
D25
S01
ONCE
C03
DACK2
A09
A24
Q15
D24
R01
ADS
R06
DACK1
A08
A23
R16
D23
Q02
CKLIN
C13
DACK0
B08
A22
R17
D22
P03
READY
S03
CLKMODE
C14
A21
Q16
D21
Q01
BTERM
R04
PCLK1
B14
EOP TC0
A11
A20
P15
D20
P02
PCLK2
B13
EOP TC1
A12
A19
P16
D19
P01
WAIT
S12
EOP TC2
A13
A18
Q17
D18
N02
BLAST
S08
VSS
EOP TC3
A14
A17
P17
D17
N01
Location
A16
N16
D16
M01
DTR
S11
C07 C08 C09
XINT7
C17
C10 C11 C12
A15
N17
D15
L01
DEN
S09
XINT6
C16
F15 G03 G15
A14
M17
D14
L02
XINT5
B17
H03 H15 J03
J15 K03 K15
A13
L16
D13
K01
LOCK
S14
XINT4
C15
L03 L15 M03
A12
L17
D12
J01
XINT3
B16
M15 Q07 Q08
Q09 Q10 Q11
A11
K17
D11
H01
HOLD
R05
XINT2
A17
A10
J17
D10
H02
HOLDA
S04
VCC
XINT1
A15
A9
H17
D9
G01
BREQ
R13
Location
XINT0
B15
A8
G17
D8
F01
B07 B09
B11 B12 C06
A7
G16
D7
E01
DC
S13
NMI
D15
E15 F03 F16
A6
F17
D6
F02
DMA
R12
G02 H16 J02
J16 K02 K16 M02
A5
E17
D5
D01
SUP
Q12
M16 N03 N15
A4
E16
D4
E02
Q06 R07 R08
R10 R11
VCCPLL
B10
A3
D17
D3
C01
BOFF
B01
No Connect
A2
D16
D2
D02
Location
D1
C02
A01 A03 A04 A05
B03 B04 C04 C05
D03
D0
E03
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com