Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 30 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 26Page - Intel Corporation 80960CF-30 Datasheet HTML 27Page - Intel Corporation 80960CF-30 Datasheet HTML 28Page - Intel Corporation 80960CF-30 Datasheet HTML 29Page - Intel Corporation 80960CF-30 Datasheet HTML 30Page - Intel Corporation 80960CF-30 Datasheet HTML 31Page - Intel Corporation 80960CF-30 Datasheet HTML 32Page - Intel Corporation 80960CF-30 Datasheet HTML 33Page - Intel Corporation 80960CF-30 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
451
AC TEST CONDITIONS
CLe 50 pf for all signals
271328 – 8
Figure 9 AC Test Load
The AC Specifications in Section 45 are tested with
the 50 pf load shown in Figure 9 See Figure 16 to
see how timings vary with load capacitance
Specifications are measured at the 15V crossing
point unless otherwise indicated Input waveforms
are assumed to have a rise-and-fall time of s 2ns
from 08V to 20V See Section 452 AC Timing
Waveforms
for AC spec definitions test points and
illustrations
452
AC TIMING WAVEFORMS
271328 – 9
Figure 10a Input and Output Clocks Waveform
271328 – 10
Figure 10b CLKIN Waveform
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com