Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 22 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 18Page - Intel Corporation 80960CF-30 Datasheet HTML 19Page - Intel Corporation 80960CF-30 Datasheet HTML 20Page - Intel Corporation 80960CF-30 Datasheet HTML 21Page - Intel Corporation 80960CF-30 Datasheet HTML 22Page - Intel Corporation 80960CF-30 Datasheet HTML 23Page - Intel Corporation 80960CF-30 Datasheet HTML 24Page - Intel Corporation 80960CF-30 Datasheet HTML 25Page - Intel Corporation 80960CF-30 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
40
ELECTRICAL SPECIFICATIONS
41 Absolute Maximum Ratings
Parameter
Maximum Rating
Storage Temperature
b
65 Cto a150 C
Case Temperature Under Bias(2)
b
40 Cto a125 C
Supply Voltage wrt VSS
b
05V to a65V
Voltage on Other pins wrt VSS
b
05V to VCC a05V
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development It is valid for the devices indicated in
the revision history The specifications are subject to
change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
42
Operating Conditions
Operating Conditions (80960CF-33 -25 -16)
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
80960CF-30
475
525
80960CF-25
450
550
V
80960CF-16
450
550
fCLK2x
Input Clock Frequency (2-x Mode)
80960CF-30
0
606
MHz
80960CF-25
0
50
MHz
80960CF-16
0
32
MHz
fCLK1x
Input Clock Frequency (1-x Mode)
80960CF-30
8
303
MHz
80960CF-25
8
25
MHz
(1)
80960CF-16
8
16
MHz
TC
Case Temperature Under Bias
PGA Package
b
40
a
110
C
80960CF-30 -25 -16
NOTES
(1) When in the 1-x input clock mode CLKIN is an input to an internal phase-locked loop and must maintain a minimum
frequency of 8 MHz for proper processor operation However in the 1-x Mode CLKIN may still be stopped when the
processor either is in a reset condition or is reset If CLKIN is stopped the specified RESET low time must be provided once
CLKIN restarts and has stabilized
(2) Case temperatures are ‘‘Instant On’’
43 Recommended Connections
Power and ground connections must be made to
multiple VCC and VSS (GND) pins Every 80960CF-
based circuit board should include power (VCC) and
ground (VSS) planes for power distribution Every
VCC pin must be connected to the power plane and
every VSS pin must be connected to the ground
plane Pins identified as ‘‘NC’’ must not be con-
nected in the system
Liberal decoupling capacitance should be placed
near the 80960CF The processor can cause tran-
sient power surges when its numerous output buff-
ers transition particularly when connected to large
capacitive loads
Low inductance capacitors and interconnects are
recommended for best high frequency electrical per-
formance Inductance can be reduced by shortening
board traces between the processor and decoupling
capacitors as much as possible Capacitors specifi-
cally designed for PGA packages will offer the low-
est possible inductance
For reliable operation always connect unused in-
puts to an appropriate signal level In particular any
unused interrupt (XINT NMI) or DMA (DREQ) input
should be connected to VCC through a pull-up resis-
tor as should BTERM if not used Pull-up resistors
should be in the range of 20 KX for each pin tied
high If READY or HOLD are not used the unused
input should be connected to ground NC pins
must always remain unconnected
Refer to the
i960 CA Microprocessor Reference Manual for more
information
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com