Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 24 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 20Page - Intel Corporation 80960CF-30 Datasheet HTML 21Page - Intel Corporation 80960CF-30 Datasheet HTML 22Page - Intel Corporation 80960CF-30 Datasheet HTML 23Page - Intel Corporation 80960CF-30 Datasheet HTML 24Page - Intel Corporation 80960CF-30 Datasheet HTML 25Page - Intel Corporation 80960CF-30 Datasheet HTML 26Page - Intel Corporation 80960CF-30 Datasheet HTML 27Page - Intel Corporation 80960CF-30 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
45 AC Specifications
AC Characteristics
80960CF-30
(80960CF-30 only under the conditions described in Section 42 Operating Conditions and Section 451
AC Test Conditions
) See notes which follow this table
Symbol
Parameter
Min
Max
Units
Notes
INPUT CLOCK(10)
TF
CLKIN Frequency
0
606
MHz
(1)
TC
CLKIN Period
In 1-x Mode (fCLK1x)
33
125
ns
(112)
In 2-x Mode (fCLK2x)
165
%
ns
(1)
TCS
CLKIN Period Stability
In 1-x Mode (fCLK1x)
g
01%
D
(113)
TCH
CLKIN High Time
In 1-x Mode (fCLK1x)
6
625
ns
(112)
In 2-x Mode (fCLK2x)6
%
ns
(1)
TCL
CLKIN Low Time
In 1-x Mode (fCLK1x)
6
625
ns
(112)
In 2-x Mode (fCLK2x)6
%
ns
(1)
TCR
CLKIN Rise Time
0
6
ns
(1)
TCF
CLKIN Fall Time
0
6
ns
(1)
OUTPUT CLOCKS(9)
TCP
CLKIN to PCLK21 Delay
In 1-x Mode (fCLK1x)
b
2
2
ns
(131314)
In 2-x Mode (fCLK2x)
2
25
ns
(13)
T
PCLK21 Period
In 1-x Mode (fCLK1x)TC
ns
(113)
In 2-x Mode (fCLK2x)2TC
ns
(13)
TPH
PCLK21 High Time
(T2) b 2
T2
ns
(113)
TPL
PCLK21 Low Time
(T2) b 2
T2
ns
(113)
TPR
PCLK21 Rise Time
1
4
ns
(13)
TPF
PCLK21 Fall Time
1
4
ns
(13)
SYNCHRONOUS OUTPUTS(10)
TOV
Output Valid Delay Output Hold
(6 11)
TOH
TOV1 TOH1
A312
3
14
ns
TOV2 TOH2
BE30
316
ns
TOV3 TOH3
ADS
618
ns
TOV4 TOH4
WR
318
ns
TOV5 TOH5
DC SUP DMA
416
ns
TOV6 TOH6
BLAST WAIT
516
ns
TOV7 TOH7
DEN
316
ns
TOV8 TOH8
HOLDA BREQ
4
16
ns
TOV9 TOH9
LOCK
416
ns
TOV10 TOH10
DACK30
418
ns
TOV11 TOH11
D310
3
16
ns
TOV12 TOH12
DTR
T2 a 3
T2 a 14
ns
TOV13 TOH13
FAIL
2
14
ns
(6 11)
TOV14 TOH14
EOP TC30
318
ns
TOF
Output Float for all outputs
3
22
ns
(6)
SYNCHRONOUS INPUTS(10)
TIS
Input Setup
TIS1
D310
3
ns
(111)
TIS2
BOFF
17
ns
(111)
TIS3
BTERM READY
7
ns
(111)
TIS4
HOLD
7
ns
(111)
TIH
Input Hold
TIH1
D310
5
ns
(111)
TIH2
BOFF
5
ns
(111)
TIH3
BTERM READY
2
ns
(111)
TIH4
HOLD
3
ns
(111)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com