| Electronic Components Datasheet Search |
|
80960CF-30 Datasheet(PDF) 35 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960CF-30 Datasheet(HTML) 35 Page - Intel Corporation |
|
35 / 62 page ![]() SPECIAL ENVIRONMENT 80960CF-30 -25 -16 50 RESET BACKOFF AND HOLD ACKNOWLEDGE The following table lists the condition of each proc- essor output pin while RESET is asserted (low) Table 10 Reset Conditions Pins State During Reset (HOLDA inactive)1 A31A2 Floating D31D0 Floating BE30 Driven high (Inactive) WR Driven low (Read) ADS Driven high (Inactive) WAIT Driven high (Inactive) BLAST Driven low (Active) DTR Driven low (Receive) DEN Driven high (Inactive) LOCK Driven high (Inactive) BREQ Driven low (Inactive) DC Floating DMA Floating SUP Floating FAIL Driven low (Active) DACK3 Driven high (Inactive) DACK2 Driven high (Inactive) DACK1 Driven high (Inactive) DACK0 Driven high (Inactive) EOP TC3 Floating (set to input mode) EOP TC2 Floating (set to input mode) EOP TC1 Floating (set to input mode) EOP TC0 Floating (set to input mode) NOTE (1) With regard to bus output pin state only the Hold Ac- knowledge state takes precedence over the reset state Al- though asserting the RESET pin will internally reset the processor the processor’s bus output pins will not enter the reset state if it has granted Hold Acknowledge to a pre- vious HOLD request (HOLDA is active) Furthermore the processor will grant new HOLD requests and enter the Hold Acknowledge state even while in reset For example if HOLDA is not active and the processor is in the reset state then HOLD is asserted the processor’s bus pins will enter the Hold Acknowledge state and HOLDA will be granted The processor will not be able to perform memory accesses until the HOLD request is re- moved even if the RESET pin is brought high This opera- tion is provided to simplify boot-up synchronization among multiple processors sharing the same bus The following table lists the condition of each proc- essor output pin while HOLDA is asserted (low) Table 11 Hold Acknowledge and Backoff Conditions Pins State During HOLDA A31A2 Floating D31D0 Floating BE30 Floating WR Floating ADS Floating WAIT Floating BLAST Floating DTR Floating DEN Floating LOCK Floating BREQ Driven (high or low) DC Floating DMA Floating SUP Floating FAIL Driven high (Inactive) DACK3 Driven high (Inactive) DACK2 Driven high (Inactive) DACK1 Driven high (Inactive) DACK0 Driven high (Inactive) EOP TC3 Driven if output EOP TC2 Driven if output EOP TC1 Driven if output EOP TC0 Driven if output 35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |