Electronic Components Datasheet Search
  English  ▼

X  

80960CF-30 Datasheet(PDF) 25 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 21Page - Intel Corporation 80960CF-30 Datasheet HTML 22Page - Intel Corporation 80960CF-30 Datasheet HTML 23Page - Intel Corporation 80960CF-30 Datasheet HTML 24Page - Intel Corporation 80960CF-30 Datasheet HTML 25Page - Intel Corporation 80960CF-30 Datasheet HTML 26Page - Intel Corporation 80960CF-30 Datasheet HTML 27Page - Intel Corporation 80960CF-30 Datasheet HTML 28Page - Intel Corporation 80960CF-30 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
AC Characteristics
80960CF-30
(80960CF-30 only under the conditions described in Section 42 Operating Conditions and Section 451
AC Test Conditions
) See notes which follow this table (Continued)
Symbol
Parameter
Min
Max
Units
Notes
RELATIVE OUTPUT TIMINGS(97)
TAVSH1
A312 Valid to ADS Rising
T b 4T a 4ns
TAVSH2
BE30 WR SUP DC
DMA DACK30 Valid to ADS Rising
T b 6T a 6ns
TAVEL1
A312 Valid to DEN Falling
T b 4T a 4ns
TAVEL2
BE30 WR SUP INST
DMA DACK30 Valid to DEN Falling
T b 6T a 6ns
TNLQV
WAIT Falling to Output Data Valid
g
6ns
TDVNH
Output Data Valid to WAIT Rising
N T b 6N T a 6
ns
(4)
TNLNH
WAIT Falling to WAIT Rising
N T g 4
ns
(4)
TNHQX
Output Data Hold after WAIT Rising
(N a 1)
T b 6(N a 1)
T a 6
ns
(5)
TEHTV
DTR Hold after DEN High
T2 b 6
%
ns
(6)
TTVEL
DTR Valid to DEN Falling
T2 b 4
T2 a 4
ns
(7)
RELATIVE INPUT TIMINGS(7)
TIS5
RESET Input Setup (2x Clock Mode)
6
ns
(14)
TIH5
RESET Input Hold (2x Clock Mode)
5
ns
(14)
TIS6
DREQ30 Input Setup
12
ns
(8)
TIH6
DREQ30 Input Hold
7
ns
(8)
TIS7
XINT70 NMI Input Setup
7
ns
(8)
TIH7
XINT70 NMI Input Hold
3
ns
(8)
TIS8
RESET Input Setup (1x Clock Mode)
3
ns
(15)
TIH8
RESET Input Hold (1x Clock Mode)
T4 a 1
ns
(15)
NOTES
1 See Section 452 AC Timing Waveforms for waveforms and definitions
2 See Figure 22 for capacitive derating information for output delays and hold times
3 See Figure 23 for capacitive derating information for rise and fall times
4 Where N is the number of NRAD NRDD NWAD orNWDD wait states that are programmed in the Bus Controller Region
Table When there are no wait states in an access WAIT never goes active
5 N e Number of wait states inserted with READY
6 Output Data andor DTR may be driven indefinitely following a cycle if there is no subsequent bus activity
7 See Notes 1 2 and 3
8 Since asynchronous inputs are synchronized internally by the 80960CF they have no required setup or hold times in order
to be recognized and for proper operation However to guarantee recognition of the input at a particular edge of PCLK21
the setup times shown must be met Asynchronous inputs must be active for at least two consecutive PCLK21 rising
edges to be seen by the processor
9 These specifications are guaranteed by the processor
10 These specifications must be met by the system for proper operation of the processor
11 This timing is dependent upon the loading of PCLK21 Use the derating curves of Section 453 to adjust the timing for
PCLK21 loading
12 In the 1-x input clock mode the maximum input clock period is limited to 125 ns while the processor is operating When
the processor is in reset the input clock may stop even in 1-x mode
13 When in the 1-x input clock mode these specifications assume a stable input clock with a period variation of less than
g
01% between adjacent cycles
14 In 2x clock mode RESET is an asynchronous input which has no required setup and hold time for proper operation
However to guarantee the device exits reset synchronized to a particular clock edge the RESET pin must meet setup
and hold times to the falling edge of the CLKIN (See Figure 28a)
15 In 1x clock mode RESET is an asynchronous input which has no required setup and hold time for proper operation
However to guarantee the device exits reset synchronized to a particular clock edge the RESET pin must be deasserted
while CLKIN is high and meet setup and hold times to the rising edge of the CLKIN (See Figure 28b)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com