Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 33 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 33 Page - NEC

Back Button UPD753012 Datasheet HTML 29Page - NEC UPD753012 Datasheet HTML 30Page - NEC UPD753012 Datasheet HTML 31Page - NEC UPD753012 Datasheet HTML 32Page - NEC UPD753012 Datasheet HTML 33Page - NEC UPD753012 Datasheet HTML 34Page - NEC UPD753012 Datasheet HTML 35Page - NEC UPD753012 Datasheet HTML 36Page - NEC UPD753012 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
33
µPD753012, 753016, 753017
6.9 LCD Controller/Driver
The
µPD753017 incorporates a display controller which generates segment and common signals according to
the display data memory contents and incorporates segment and common drivers which can drive the LCD panel
directly.
The
µPD753017 LCD controller/driver functions are as follows:
•
Display data memory is read automatically by DMA operation and segment and common signals are
generated.
•
Display mode can be selected from among the following five:
<1> Static
<2> 1/2 duty (time multiplexing by 2), 1/2 bias
<3> 1/3 duty (time multiplexing by 3), 1/2 bias
<4> 1/3 duty (time multiplexing by 3), 1/3 bias
<5> 1/4 duty (time multiplexing by 4), 1/3 bias
•
A frame frequency can be selected from among four in each display mode.
•
A maximum of 32 segment signal output pins (S0-S31) and four common signal output pins (COM0-COM3).
•
The segment signal output pins (S24-S27 and S28-S31) can be changed to the output ports in 4-pin units.
•
Split-resistor can be incorporated to supply LCD drive power. (Mask option)
· Various bias methods and LCD drive voltages can be applicable.
· When display is off, current flow to the split resistor is cut.
•
Display data memory not used for display can be used for normal data memory.
•
It can also operate by using the subsystem clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com