Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 15 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 15 Page - NEC

Back Button UPD753012 Datasheet HTML 11Page - NEC UPD753012 Datasheet HTML 12Page - NEC UPD753012 Datasheet HTML 13Page - NEC UPD753012 Datasheet HTML 14Page - NEC UPD753012 Datasheet HTML 15Page - NEC UPD753012 Datasheet HTML 16Page - NEC UPD753012 Datasheet HTML 17Page - NEC UPD753012 Datasheet HTML 18Page - NEC UPD753012 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
15
µPD753012, 753016, 753017
4. SWITCHING FUNCTION BETWEEN MK I MODE AND MK II MODE
4.1 Differences between Mk I Mode and Mk II Mode
The CPU of
µPD753017 has the following two modes: Mk I and Mk II, either of which can be selected. The
mode can be switched by the bit 3 of the stack bank select register (SBS).
•
Mk I mode:
Upward compatible with
µPD75316B.
Can be used in the 75XL CPU with a ROM capacity of up to 16K bytes.
•
Mk II mode:
Incompatible with
µPD75316B.
Can be used in all the 75XL CPU’s including those products whose ROM capacity is more
than 16K bytes.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Mk I Mode
Mk II Mode
Program memory (bytes)
•
µPD753012 : 12288
•
µPD753012 : 12288
•
µPD753016, 753017 : 16384
•
µPD753016 : 16384
•
µPD753017 : 24576
Number of stack bytes
2 bytes
3 bytes
for subroutine instructions
BRA !addr1 instruction
Not available
Available
CALLA !addr1 instruction
CALL !addr instruction
3-machine cycles
4-machine cycles
CALLF !faddr instruction
2-machine cycles
3-machine cycles
Caution The Mk II mode supports a program area which exceeds 16K bytes in the 75X and 75XL
series. This mode enhances the software compatibility with products which have more
than 16K bytes.
When Mk II mode is selected, the number of stack bytes (usable area) in the execution
of a subroutine call instruction increases by 1 per stack compared to Mk I mode.
Furthermore, when a CALL !addr, or CALLF !faddr instruction is used, each instruction
takes another machine cycle. Therefore, when more importance is attached to RAM
utilization or throughput than software compatibility, use the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com