Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 22 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 22 Page - NEC

Back Button UPD753012 Datasheet HTML 18Page - NEC UPD753012 Datasheet HTML 19Page - NEC UPD753012 Datasheet HTML 20Page - NEC UPD753012 Datasheet HTML 21Page - NEC UPD753012 Datasheet HTML 22Page - NEC UPD753012 Datasheet HTML 23Page - NEC UPD753012 Datasheet HTML 24Page - NEC UPD753012 Datasheet HTML 25Page - NEC UPD753012 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
22
µPD753012, 753016, 753017
6.2 Clock Generator
Operation of the clock generator is determined by the processor clock control register (PCC) and system clock
control register (SCC).
The two clocks, the main system clock and subsystem clock, are available.
The instruction excution time can be altered.
• 0.95
µs, 1.91 µs, 3.81 µs, 15.3 µs (main system clock : at 4.19 MHz operation)
• 0.67
µs, 1.33 µs, 2.67 µs, 10.7 µs (main system clock : at 6.0 MHz operation)
• 122
µs (subsystem clock : at 32.768 kHz operation)
Figure 6-1. Clock Generator Block Diagram
Note Instruction execution
Remarks 1.
fX = Main system clock frequency
2.
fXT = Subsystem clock frequency
3.
Φ = CPU clock
4.
PCC: Processor Clock Control Register
5.
SCC: System Clock Control Register
6.
One clock cycle (tCY) of
Φ equal to one machine cycle of the instruction.
VDD
VDD
XT1
X1
XT2
X2
fXT
fX
Subsystem
clock oscillator
Main system
clock oscillator
4
HALTNote
STOPNote
WM.3
SCC
SCC3
SCC0
PCC0
PCC1
PCC2
PCC3
PCC2,
PCC3
Clear
STOP F/F
Q
S
R
Oscillation
stop
HALT F/F
S
R
Wait release signal from BT
RESET signal
Standby release signal from
interrupt control circuit
· CPU
· INT0 noise eliminator
· Clock output circuit
Φ
1/4
Divider
1/1~1/4096
Divider
1/2 1/4 1/16
· Basic interval timer (BT)
· Timer/event counter
· Serial interface
· Watch timer
· LCD controller/driver
· INT0 noise eliminator
· Clock output circuit
LCD controller/driver
Watch timer
PCC
Q
Selector
Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com