Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 17 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 17 Page - NEC

Back Button UPD753012 Datasheet HTML 13Page - NEC UPD753012 Datasheet HTML 14Page - NEC UPD753012 Datasheet HTML 15Page - NEC UPD753012 Datasheet HTML 16Page - NEC UPD753012 Datasheet HTML 17Page - NEC UPD753012 Datasheet HTML 18Page - NEC UPD753012 Datasheet HTML 19Page - NEC UPD753012 Datasheet HTML 20Page - NEC UPD753012 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
17
µPD753012, 753016, 753017
0000H
RBE
MBE
RBE
MBE
RBE
MBE
RBE
MBE
RBE
MBE
RBE
MBE
RBE
Internal reset start address
(high-order 6 bits)
(Iow-order 8 bits)
(high-order 6 bits)
(Iow-order 8 bits)
(high-order 6 bits)
(Iow-order 8 bits)
(high-order 6 bits)
(Iow-order 8 bits)
(high-order 6 bits)
(Iow-order 8 bits)
(high-order 6 bits)
(Iow-order 8 bits)
(high-order 6 bits)
(Iow-order 8 bits)
INTBT/INT4 start address
INT0 start address
INT1 start address
INTCSI start address
INTT0 start address
INTT1, INTT2 start address
GETI instruction reference table
CALLF !faddr
instruction
entry address
BRCB !caddr
instruction
branch address
BRCB !caddr instruction
branch address
Branch destination
address and
subroutine entry
address when GETI
instruction is executed
Branch address of
BR BCXA, BR BCDE,
BR !addr1, BRA !addr1Note
or CALLA !addr1Note
instruction
CALL !addr instruction
subroutine entry address
BR $addr instruction
relative branch address
(–15 to –1, +2 to +16)
76
5
0
0002H
0004H
0006H
0008H
000AH
000CH
0020H
007FH
0080H
07FFH
0800H
0FFFH
1000H
1FFFH
2000H
2FFFH
BRCB !caddr instruction
branch address
MBE
Internal reset start address
INTBT/INT4 start address
INT0 start address
INT1 start address
INTCSI start address
INTT0 start address
INTT1, INTT2 start address
5. MEMORY CONFIGURATION
•
Program memory (ROM)
............... 12288
× 8 bits (
µPD753012)
............... 16384
× 8 bits (
µPD753016)
............... 24576
× 8 bits (
µPD753017)
•
Data memory (RAM)
·
Data area …1024 words
× 4 bits (000H to 3FFH)
·
Peripheral hardware area…128
× 4 bits (F80H to FFFH)
Figure 5-1. Program Memory Map (1/3)
(a)
µPD753012
Note Can be used in Mk II mode only.
Remark In addition to the above, a branch can be taken to the address indicated by changing only the low-order
eight bits of PC by executing the BR PCDE, BR PCXA instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com