Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 64 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 64 Page - NEC

Back Button UPD753012 Datasheet HTML 60Page - NEC UPD753012 Datasheet HTML 61Page - NEC UPD753012 Datasheet HTML 62Page - NEC UPD753012 Datasheet HTML 63Page - NEC UPD753012 Datasheet HTML 64Page - NEC UPD753012 Datasheet HTML 65Page - NEC UPD753012 Datasheet HTML 66Page - NEC UPD753012 Datasheet HTML 67Page - NEC UPD753012 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
64
µPD753012, 753016, 753017
AC timing test points (except X1 and XT1 inputs)
VIH (MIN.)
VIL (MAX.)
VIH (MIN.)
VIL (MAX.)
VOH (MIN.)
VOL (MAX.)
VOH (MIN.)
VOL (MAX.)
Clock timing
1/fX
tXL
tXH
VDD – 0.1 V
0.1 V
X1 input
1/fXT
tXTL
tXTH
VDD – 0.1 V
0.1 V
XT1 input
TI0, TI1, TI2 timing
1/fTI
tTIL
tTIH
TI0, TI1, TI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com