Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 76 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 76 Page - NEC

Back Button UPD753012 Datasheet HTML 72Page - NEC UPD753012 Datasheet HTML 73Page - NEC UPD753012 Datasheet HTML 74Page - NEC UPD753012 Datasheet HTML 75Page - NEC UPD753012 Datasheet HTML 76Page - NEC UPD753012 Datasheet HTML 77Page - NEC UPD753012 Datasheet HTML 78Page - NEC UPD753012 Datasheet HTML 79Page - NEC UPD753012 Datasheet HTML 80Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
76
µPD753012, 753016, 753017
Debugging tool
The in-circuit emulators (IE-75000-R and IE-75001-R) are available as the program debugging tool for the
µPD753017.
The system configurations are described as follows.
Hardware
IE-75000-RNote1
In-circuit emulator for debugging the hardware and software when developing the
application systems that use the 75X series and 75XL series. When developing a
µPD753017 subseries, the emulation board IE-75300-R-EM and emulation probe that
are sold separately must be used with the IE-75000-R.
By connecting with the host machine and the PROM programmer, efficient debugging
can be made.
It contains the emulation board IE-75000-R-EM which is connected.
IE-75001-R
In-circuit emulator for debugging the hardware and software when developing the
application systems that use the 75X series and 75XL series. When developing a
µPD753017 sub-series, the emulation board IE-75300-R-EM and emulation probe which
are sold separately must be used with the IE-75001-R.
It can debug the system efficiently by connecting the host machine and PROM program-
mer.
IE-75300-R-EM
Emulation board for evaluating the application systems that use the
µPD753017
subseries. It must be used with the IE-75000-R or IE-75001-R.
EP-753017GC-R
Emulation probe for the
µPD753017GC.
It must be connected to IE-75000-R (or IE-75001-R) and IE-75300-R-EM.
It is supplied with the 80-pin conversion socket EV-9200GC-80 which facilitates
EV-9200GC-80
connection to a target system.
EP-753017GK-R
Emulation probe for the
µPD753017GK.
It must be connected to the IE-75000-R (or IE-75001-R) and IE-75300-R-EM.
It is supplied with the 80-pin conversion adapter TGK-080SDW which facilitates
TGK-080SDWNote 2 connection to a target system.
Software
IE control program
Connects the IE-75000-R or IE-75001-R to a host machine via RS-232-C and Centronix
I/F and controls the above hardware on a host machine.
Host machine
Part number
OS
Distribution media
(product name)
PC-9800 series
MS-DOS
3.5-inch 2HD
µS5A13IE75X
Ver. 3.30 to
5-inch 2HD
µS5A10IE75X
Ver. 6.2Note 3
IBM PC/AT and its
Refer to
3.5-inch 2HC
µS7B13IE75X
compatible machines
OS for IBM PC
5-inch 2HC
µS7B10IE75X
Notes 1.
Maintenance parts
2.
This is a product of Tokyo Eletech Corp. (Tokyo 03-5295-1661)
When purchasing this product, consult your NEC distributor.
3.
Ver.5.00 and later have the task swap function, but it cannot be used for this software.
Remark The operation of the IE control program is guaranteed only on the above host machines and OSs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com