Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 67 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 67 Page - NEC

Back Button UPD753012 Datasheet HTML 63Page - NEC UPD753012 Datasheet HTML 64Page - NEC UPD753012 Datasheet HTML 65Page - NEC UPD753012 Datasheet HTML 66Page - NEC UPD753012 Datasheet HTML 67Page - NEC UPD753012 Datasheet HTML 68Page - NEC UPD753012 Datasheet HTML 69Page - NEC UPD753012 Datasheet HTML 70Page - NEC UPD753012 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
67
µPD753012, 753016, 753017
Data retention characteristics of data memory in STOP mode and at low supply voltage
(TA = –40 to +85 ˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Release signal setup time
tSREL
0
µs
Oscillation stabilization
tWAIT
Released by RESET
Note 2
ms
wait timeNote 1
Released by interrupt request
Note 3
ms
Notes 1.
The oscillation stabilization wait time is the time during which the CPU stops operating to prevent
unstable operation when oscillation is started.
2.
Either 217/fX or 215/fX can be selected by mask option.
3.
Set by the basic interval timer mode register (BTM). (Refer to the table below.)
BTM3
BTM2
BTM1
BTM0
Wait Time
fx = 4.19 MHz
fx = 6.0 MHz
–000
220/fx (approx. 250 ms)
220/fx (approx. 175 ms)
–011
217/fx (approx. 31.3 ms)
217/fx (approx. 21.8 ms)
–101
215/fx (approx. 7.82 ms)
215/fx (approx. 5.46 ms)
–111
213/fx (approx. 1.95 ms)
213/fx (approx. 1.37 ms)
Data retention timing (when STOP mode released by RESET)
STOP mode
Data retention mode
Internal reset operation
Operation mode
STOP instruction execution
Oscillation stabilization wait time
VDD
RESET
tWAIT
tSREL
Data retention timing (standby release signal: when STOP mode released by interrupt signal)
STOP mode
Data retention mode
Operation mode
Oscillation stabilization wait time
tSREL
VDDDR
tWAIT
STOP instruction execution
VDD
Standby release signal
(interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com