Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 72 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 72 Page - NEC

Back Button UPD753012 Datasheet HTML 68Page - NEC UPD753012 Datasheet HTML 69Page - NEC UPD753012 Datasheet HTML 70Page - NEC UPD753012 Datasheet HTML 71Page - NEC UPD753012 Datasheet HTML 72Page - NEC UPD753012 Datasheet HTML 73Page - NEC UPD753012 Datasheet HTML 74Page - NEC UPD753012 Datasheet HTML 75Page - NEC UPD753012 Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
72
µPD753012, 753016, 753017
APPENDIX A
µPD75316B, 753017 AND 75P3018 FUNCTION LIST
Parameter
µPD75316B
µPD753017
µPD75P3018
Program memory
Mask ROM
Mask ROM
One-time PROM
0000H-3F7FH
0000H-5FFFH
0000H-7FFFH
(16256
× 8 bits)
(24576
× 8 bits)
(32768
× 8 bits)
Data memory
000H-3FFH
(1024
× 4 bits)
CPU
Standard CPU
75XL CPU
Instruction
When main system
0.95, 1.91, 15.3
µs
• 0.95, 1.91, 3.81, 15.3
µs (at 4.19 MHz operation)
execution
clock is selected
(at 4.19 MHz operation)
• 0.67, 1.33, 2.67, 10.7
µs (at 6.0 MHz operation)
time
When subsystem
122
µs (32.768 kHz operation)
clock is selected
Pin
44
P12/INT2
P12/INT2/TI1/TI2
connection
47
P21
P21/PTO1
48
P22/PCL
P22/PCL/PTO2
50-53
P30-P33
P30/MD0-P33/MD3
57
IC
VPP
Stack
SBS register
None
SBS.3 = 1: Mk I mode selection
SBS.3 = 0: Mk II mode selection
Stack area
000H-0FFH
n00H-nFFH (n = 0-3)
Subroutine call
2-byte stack
Mk I mode: 2-byte stack
instruction stack
Mk II mode: 3-byte stack
operation
Instruction
BRA !addr1
Unavailable
Mk I mode: unavailable
CALLA !addr1
Mk II mode: available
MOVT XA, @BCDE
Available
MOVT XA, @BCXA
BR BCDE
BR BCXA
CALL !addr
3 machine cycles
Mk I mode: 3 machine cycles, Mk II mode: 4 machine cycles
CALLF !faddr
2 machine cycles
Mk I mode: 2 machine cycles, Mk II mode: 3 machine cycles
Timer
3 channels
5 channels
• Basic interval timer:
• Basic interval timer/watchdog timer: 1 channel
1 channel
• 8-bit timer/event counter: 3 channels
• 8-bit timer/event counter:
(can be used as 16-bit timer/event counter, carrier generator,
1 channel
or timer with gate)
• Watch timer: 1 channel
• Watch timer: 1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com