Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 70 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 70 Page - NEC

Back Button UPD753012 Datasheet HTML 66Page - NEC UPD753012 Datasheet HTML 67Page - NEC UPD753012 Datasheet HTML 68Page - NEC UPD753012 Datasheet HTML 69Page - NEC UPD753012 Datasheet HTML 70Page - NEC UPD753012 Datasheet HTML 71Page - NEC UPD753012 Datasheet HTML 72Page - NEC UPD753012 Datasheet HTML 73Page - NEC UPD753012 Datasheet HTML 74Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
70
µPD753012, 753016, 753017
14. RECOMMENDED SOLDERING CONDITIONS
Solder the
µPD753017 under the following recommended conditions.
For the details on the recommended soldering conditions, refer to Information Document Semiconductor
Device Mounting Technology Manual (C10535E).
For the soldering methods and conditions other than those recommended, consult NEC.
Table 14-1. Soldering Conditions of Surface Mount Type
(1)
µPD753012GC-XXX-3B9: 80-pin plastic QFP (14 × 14 mm)
µPD753016GC-XXX-3B9: 80-pin plastic QFP (14 × 14 mm)
µPD753017GC-XXX-3B9: 80-pin plastic QFP (14 × 14 mm)
Symbol of
Soldering Method
Soldering Conditions
Recommended
Condition
Infrared reflow
Package peak temperature: 235 ˚C, Time: 30 seconds max. (210 ˚C min.),
IR35-00-3
Number of times: 3 max.
VPS
Package peak temperature: 215 ˚C, Time: 40 seconds max. (200 ˚C min.),
VP15-00-3
Number of times: 3 max.
Wave soldering
Solder bath temperature: 260 ˚C max., Time: 10 seconds max.,
WS60-00-1
Number of times: 1
Preheating temperature: 120 ˚C max. (package surface temperature)
Partial heating
Pin temperature: 300 ˚C max., Time: 3 seconds max. (per side of device)
–
Caution Do not use two or more soldering methods in combination (except partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com