Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 73 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 73 Page - NEC

Back Button UPD753012 Datasheet HTML 69Page - NEC UPD753012 Datasheet HTML 70Page - NEC UPD753012 Datasheet HTML 71Page - NEC UPD753012 Datasheet HTML 72Page - NEC UPD753012 Datasheet HTML 73Page - NEC UPD753012 Datasheet HTML 74Page - NEC UPD753012 Datasheet HTML 75Page - NEC UPD753012 Datasheet HTML 76Page - NEC UPD753012 Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
73
µPD753012, 753016, 753017
Parameter
µPD75316B
µPD753017
µPD75P3018
Clock output (PCL)
Φ, 524, 262, 65.5 kHz
•
Φ, 524, 262, 65.5 kHz
(Main system clock:
(Main system clock: at 4.19 MHz operation)
at 4.19 MHz operation)
•
Φ, 750, 375, 93.8 kHz
(Main system clock: at 6.0 MHz operation)
BUZ output
2 kHz
• 2, 4, 32 kHz
(Main system clock:
(Main system clock: at 4.19 MHz operation or
at 4.19 MHz operation)
subsystem clock: at 32.768 kHz operation)
• 2.93, 5.86, 46.9 kHz
(Main system clock: at 6.0 MHz operation)
Serial interface
3 modes are available
• 3-wire serial I/O mode ... MSB/LSB can be selected for transfer top bit
• 2-wire serial I/O mode
• SBI mode
SOS
Feedback resistor cut flag
None
Provided
register
(SOS.0)
Sub-oscillator current cut
None
Provided
flag (SOS.1)
Register bank selection register (RBS)
None
Yes
Standby release by INT0
No
Yes
Vectored interrupt
External: 3, internal: 3
External: 3, internal: 5
Supply voltage
VDD = 2.0 to 6.0 V
VDD = 2.2 to 5.5 V
Operation ambient temperature
TA = –40 to +85˚C
Package
• 80-pin plastic TQFP (fine pitch) (12
× 12 mm)
• 80-pin plastic QFP (14
× 14 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com