Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 69 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 69 Page - NEC

Back Button UPD753012 Datasheet HTML 65Page - NEC UPD753012 Datasheet HTML 66Page - NEC UPD753012 Datasheet HTML 67Page - NEC UPD753012 Datasheet HTML 68Page - NEC UPD753012 Datasheet HTML 69Page - NEC UPD753012 Datasheet HTML 70Page - NEC UPD753012 Datasheet HTML 71Page - NEC UPD753012 Datasheet HTML 72Page - NEC UPD753012 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
69
µPD753012, 753016, 753017
80 PIN PLASTIC TQFP (FINE PITCH) (12
×12)
ITEM
MILLIMETERS
INCHES
I
J
0.50 (T.P.)
0.10
0.004
0.020 (T.P.)
NOTE
Each lead centerline is located within 0.10 mm (0.004 inch) of
its true position (T.P.) at maximum material condition.
A
14.00±0.20
0.551±0.008
B
12.00±0.20
0.472+0.009
–0.008
C
12.00±0.20
0.472+0.009
–0.008
D
14.00±0.20
0.551±0.008
F
G
1.25
1.25
0.049
0.049
H
0.22
0.009±0.002
P80GK-50-BE9-5
S
1.27 MAX.
0.050 MAX.
K
1.00±0.20
0.039+0.009
–0.008
L
0.50±0.20
0.020+0.008
–0.009
M
0.145
0.006±0.002
N
0.10
0.004
P
1.05
0.041
Q
0.10±0.05
0.004±0.002
R
5°±5°
5°±5°
+0.05
–0.04
+0.055
–0.045
J
N
L
K
M
detail of lead end
61
60
41
40
21
20
1
80
A
B
C
D
S
QR
G
F
P
HI M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com