Electronic Components Datasheet Search
  English  ▼

X  

UPD753012 Datasheet(PDF) 5 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 5 Page - NEC

  UPD753012 Datasheet HTML 1Page - NEC UPD753012 Datasheet HTML 2Page - NEC UPD753012 Datasheet HTML 3Page - NEC UPD753012 Datasheet HTML 4Page - NEC UPD753012 Datasheet HTML 5Page - NEC UPD753012 Datasheet HTML 6Page - NEC UPD753012 Datasheet HTML 7Page - NEC UPD753012 Datasheet HTML 8Page - NEC UPD753012 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
5
µPD753012, 753016, 753017
S12
S13
S14
S15
S16
S17
S18
S19
S20
S21
S22
S23
S24/BP0
S25/BP1
S26/BP2
S27/BP3
S28/BP4
S29/BP5
S30/BP6
S31/BP7
P60/KR0
X2
X1
IC
Note
XT2
XT1
VDD
P33
P32
P31/SYNC
P30/LCDCL
P23/BUZ
P22/PCL/PTO2
P21/PTO1
P20/PTO0
P13/TI0
P12/INT2/TI1/TI2
P11/INT1
P10/INT0
P03/SI/SB1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
1. PIN CONFIGURATION (TOP VIEW)
•
80-pin plastic QFP (14
× 14 mm)
µPD753012GC-XXX-3B9, 753016GC-XXX-3B9,
µPD753017GC-XXX-3B9
•
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
µPD753012GK-XXX-BE9, 753016GK-XXX-BE9,
µPD753017GK-XXX-BE9
Note Connect the IC (Internally Connected) pin directly to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com