Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 9 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 9 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 5Page - Connor-Winfield Corporation STC5455 Datasheet HTML 6Page - Connor-Winfield Corporation STC5455 Datasheet HTML 7Page - Connor-Winfield Corporation STC5455 Datasheet HTML 8Page - Connor-Winfield Corporation STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation STC5455 Datasheet HTML 10Page - Connor-Winfield Corporation STC5455 Datasheet HTML 11Page - Connor-Winfield Corporation STC5455 Datasheet HTML 12Page - Connor-Winfield Corporation STC5455 Datasheet HTML 13Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Page 9 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Note 1: Timing generator T0 and T4 share register 0x20 ~ 0x3F. Register 0x1F selects between T0 and T4 for the sharing registers 0x20
~0x3F.
0x2D
Short_Term_Accu_History
31-0
R
Short term Accumulated History
0x2E
0x2F
0x30
0x31
User_Specified_History
31-0
R/W
User programmed holdover history
0x32
0x33
0x34
0x35
History_Ramp
7-0
R/W
Control long term history and short term history accumulation band-
width and the locking stage’s frequency ramp control
0x36
Ref_Priority_Table
19-0
R/W
REF1-5 selection priority
0x37
0x38
0x3C
PLL_Status
7-0
R
PLL status: SYNC, LOS, LOL, OOP, SAP, FEE, DHT, HHA
0x3D
Holdover_Accu_Flush
0
W
Flush/reset the long-term history and the device holdover history
0x3E
PLL_Event_Out
7-0
R/W
PLL event out (Reserved)
0x3F
PLL_Event_In
7-0
R/W
PLL event in: Relock
0x40
EX_SYNC_Edge_Config
2-0
R/W
Select framing edge (falling or rising edge) for EX_SYNC1/2/3
0x42
Frame_Phase_Align
19-0
R/W
Selects frame reference input and sampling edge on selected refer-
ence for frame alignment. (T0 timing generator only)
0x43
0x44
0x4A
Synth_Index_Select
3-0
R/W
Select a synthesizer to access registers Synth_Freq_Value and
Synth_Skew_Adj
0x4B
Synth_Freq_Value
17-0
R/W
Selects synthesizer frequency value from 1MHz to 156.25MHz, in
1kHz steps, based on which synthesizer index is selected at the reg-
ister Synth_Index_Select
0x4C
0x4D
0x4E
Synth_Skew_Adj
11-0
R/W
Adjust phase skew for the synthesizer with the index selected at
register Synth_Index_Select
0x4F
0x50
CLK1_Signal_Level
0
R/W
Select the signal level (LVDS or LVPECL) for clock outputs CLK1
0x51
CLK1_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK1
0x52
CLK2_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK2
0x59
Frame8K_Sel
6-0
R/W
8kHz frame pulse clock output duty cycle selection, signal inversion
0x5A
Frame2K_Sel
6-0
R/W
2kHz frame pulse clock output duty cycle selection, signal inversion
0x5B
Ref__Acceptable_Freq
14-0
R/W
Select integer N for manually acceptable frequency at Nx8kHz;
Enable auto detection of reference input frequency
0x5C
0x5D
Frame_Mux
1-0
R/W
Select one of frame signal (Frame8K, Frame2K) and forward it to
CLK2 selection
0x70
Field_Upgrade_Status
2-0
R
Indicates the status of field upgrade process
0x71
Field_Upgrade_Data
7-0
R/W
Load 7600 bytes of firmware configuration data
0x72
Field_Upgrade_Count
12-0
R
Count byte numbers that have been loaded
0x73
0x74
Field_Upgrade_Start
7-0
W
Write three values consecutively to start the field upgrade process
0x7F
MCLK_Freq_Reset
7-0
R/W
Select the frequency of the external oscillator
Table 2: Register Map
Addr
Reg Name
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com