Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 40 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 40 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 36Page - Connor-Winfield Corporation STC5455 Datasheet HTML 37Page - Connor-Winfield Corporation STC5455 Datasheet HTML 38Page - Connor-Winfield Corporation STC5455 Datasheet HTML 39Page - Connor-Winfield Corporation STC5455 Datasheet HTML 40Page - Connor-Winfield Corporation STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Page 40 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
1 = Flush/clear both long term history and the device holdover history to 0.
PLL_Event_Out, 0x3E (R/W)
Event0: Reserved
Event1: Reserved
Event2: Reserved
Event3: Reserved
Event4: Reserved
Event5: Reserved
Event6: Reserved
Event7: Reserved
Events are cleared by writing “1” to the bit positions
Default value: 0
PLL_Event_In, 0x3F (R/W)
Writing 1 to trigger the event. If the event is acknowledged by the STC5455, event bit is cleared to be 0.
Event0: Relock:
PLL relocks the selected reference input. If the device operates in phase-align mode, PLL reselects
the frame edge, relocks and frame phase align to the reference input. If the device operates in non
phase-align mode, PLL relocks to the reference input and start over phase rebuild process.
Event1: Reserved
Event2: Reserved
Event3: Reserved
Event4: Reserved
Event5: Reserved
Event6: Reserved
Event7: Reserved
Default value: 0
EX_SYNC_Edge_Config, 0x40 (R/W)
Selects sampling edge (falling or rising) of the external frame sync inputs EX_SYNC1, EX_SYNC2, or
EX_SYNC3.
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x3E
Event7
Event6
Event5
Event4
Event3
Event2
Event1
Event0
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x3F
Not used
Relock
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x40
Not Used
EX_SYNC3
edge
EX_SYNC2
edge
EX_SYCN1
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com