Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 22 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 22 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 18Page - Connor-Winfield Corporation STC5455 Datasheet HTML 19Page - Connor-Winfield Corporation STC5455 Datasheet HTML 20Page - Connor-Winfield Corporation STC5455 Datasheet HTML 21Page - Connor-Winfield Corporation STC5455 Datasheet HTML 22Page - Connor-Winfield Corporation STC5455 Datasheet HTML 23Page - Connor-Winfield Corporation STC5455 Datasheet HTML 24Page - Connor-Winfield Corporation STC5455 Datasheet HTML 25Page - Connor-Winfield Corporation STC5455 Datasheet HTML 26Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Page 22 of 56 TM121 Rev: P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Functional Specification
Data sheet
Preliminary
In revertive mode, the automatic reference elector will
pre-empted the current candidate reference if the
new recommended candidate reference has higher
priority.
In non-revertive mode, the current candidate refer-
ence will not be pre-empted by any new candidate
until it is disqualified.
If there is no candidate reference available, freerun or
holdover will be recommended by the automatic ref-
erence elector depending on the holdover history
availability.
Figure 4 shows the operation states for automatic ref-
erence elector.
Figure 4: Automatic Reference Elector States
Automatic Reference Selection
The T0 and T4 timing generators may be individually
operated automatic reference input selection mode.
The mode is selected via the Control Mode registers.
In automatic reference selection mode, the selected
reference is the same reference elected by the auto-
matic reference elector. The automatically selected
reference for each PLL may be read from the Auto
Select Ref registers.
Manual Reference Selection Mode
In manual reference selection mode, the user may
select the reference manually. This mode is selected
via the Control Mode registers. The reference is
Elect
Freerun
Elect
Holdover
Candidate
No Candidate
Reference
Candidate
Reference
Available and
Elect
HO not Available
Reference
Available
Candidate
Available
Reference
No Candidate
Reference
Available and
HO is Available
selected by writing to the Manual Select Ref regis-
ters. The user may also has the device enter freerun
or holdover manually by writing to the Manual Select
Ref registers. Besides, T4 may select T0’s output as
the selected reference.
Hard-wired Manual Reference Selection
Besides the manual reference selection mode, the
STC5455 provides a special mode to switch between
two pre-selected reference directly from a dedicated
pin SRCSW. The two pre-selected references are
configured at the register Hard-wired Switch Pre
Selection. It can make the device enter the freerun or
holdover by writing to the register Hard-wired Switch
Pre Selection. In this mode, the pin SRCSW oper-
ates as a simple switch by setting high or low. Hard-
wired Manual Reference Selection is for T0 only.
Clock Outputs Details
The STC5455 generates 1 synchronized differential
(LVPECL or LVDS) clock output: CLK1; 3 LVCMOS
clock outputs: CLK2, one 8kHz and one 2kHz frame
pulse clock outputs. Figure 5, Figure 6, and Figure 7
respectively show the clock output section for CLK1,
CLK2, and CLK8K/CLK2K. Each output has individ-
ual clock output section consists of synthesizer and
clock generator. Clock generator of CLK1 has
LVPECL/LVDS driver to produce differential output.
Clock generator of CLK2 includes two muxes and a
LVCMOS signal driver. Clock generator of frame out-
put CLK8K and CLK2K consist of a LVCMOS driver.
Clock Synthesizers
The STC5455 has 4 clock synthesizers, which of 3 is
disciplined by the timing generator T0: synthesizer
G1, G2 and one frame pulse clock synthesizer F; T4
disciplines a clock synthesizer GT4 with frequency
fixed at 2.048MHz. Clock synthesizers G1 and G2
produce frequencies from 1MHz to 156.25MHz, in
1kHz steps. Synthesizer F produce Frame8K and
Frame2K at fixed 8kHz and 2kHz. Phase skew of
these synthesizers (except synthesizer GT4) are all
programmable individually up and down 50ns. CLK1
is derived from synthesizer G1. CLK2 can be derived
from synthesizer G2, also can be derived from syn-
thesizer GT4 and F. Synthesizer F produces frame
pulse clock Frame8K and Frame2K which can pro-
gram pulse width at the register Frame8K Sel and
Frame2K Sel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com