Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 20 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 20 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 16Page - Connor-Winfield Corporation STC5455 Datasheet HTML 17Page - Connor-Winfield Corporation STC5455 Datasheet HTML 18Page - Connor-Winfield Corporation STC5455 Datasheet HTML 19Page - Connor-Winfield Corporation STC5455 Datasheet HTML 20Page - Connor-Winfield Corporation STC5455 Datasheet HTML 21Page - Connor-Winfield Corporation STC5455 Datasheet HTML 22Page - Connor-Winfield Corporation STC5455 Datasheet HTML 23Page - Connor-Winfield Corporation STC5455 Datasheet HTML 24Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Page 20 of 56 TM121 Rev: P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Functional Specification
Data sheet
Preliminary
External SYNC Inputs and Refer-
ence Inputs Details
The STC5455 accepts 5 external reference inputs.
The reference inputs may be selected to accept either
the auto-detect acceptable reference frequency which
can be automatically detected or manually acceptable
reference frequency. Reference inputs REF4 and
REF5 are LVPECL/LVDS and the remaining three are
LVCMOS. All 5 reference inputs are monitored contin-
uously for frequency, activity and quality. Each timing
generator may select any of the reference inputs
when the device is in external timing mode. T4 may
accept T0’s output as its input via internal feedback
path.
External Frame Sync Inputs
The STC5455 has three external frame sync inputs at
2kHz or 8kHz on the pin EX_SYNC1, EX_SYNC2,
and EX_SYNC3 respectively. The frequency of the
external frame sync inputs are auto-detecting.
To achieve frame alignment, any one of the three
external frame sync inputs may be selected as frame
reference for T0 selected REF1 to REF5 individually
at the register Frame Phase Align. Sampling edge of
the external sync inputs can be configured as falling
or rising at the register EX SYNC Edge Config
Acceptable Frequency and Frequency Offset
Detection
The STC5455 can automatically detect the frequency
of the reference input when the user enable the auto-
detection function at the register Ref Acceptable
Freq. The acceptable auto-detect frequencies are:
8kHz, 64kHz, 1.544MHz, 2.048MHz, 19.44MHz,
38.88MHz,
77.76MHz,
6.48MHz,
8.192MHz,
16.384MHz, 25MHz, 50MHz or 125MHz. These fre-
quencies can be detected automatically in the detec-
tor. The detector operates continuously to detect the
frequency of reference inputs. Any carrier frequency
change will be detected within 1ms. Each input is also
monitored for frequency offset between input and the
internal freerun clock. The frequency offset is a key
factor to determine qualification of the reference
inputs. See register Ref Index Selector and Ref Info.
STC5455 provides another option which allows the
user to select the manually acceptable reference fre-
quency for all the reference inputs, at the integer mul-
tiple of 8kHz (Nx8kHz, N is integer from 1 to 32767).
Hence the manually acceptable reference frequency
range is integer multiple of 8kHz from 8kHz to
262.136MHz. When a manually acceptable reference
frequency is used, the user need to access the regis-
ter Ref Index Selector and Ref Acceptable Freq.
Each input is monitored for frequency offset between
input and the internal freerun clock. The frequency
offset is shown in the register Ref Info when associ-
ate reference index is selected at the register Ref
Index Selector.
Activity Monitoring
Activity monitoring is also a continuous process which
is used to identify if the reference input is in normal. It
is accomplished with a leaky bucket accumulation
algorithm, as shown in Figure 2. The “leaky bucket”
accumulator has a fill observation window that may
be set from 1 to 16ms, where any hit of signal abnor-
mality (or multiple hits) during the window increments
the bucket count by one. The leak observation win-
dow is 1 to 16 times the fill observation window. The
leaky bucket accumulator decrements by one for
each leak observation window that passes with no
signal abnormality. Both windows operate in a con-
secutive, non-overlapping manner. The bucket accu-
mulator has alarm assert and alarm de-assert
thresholds that can each be programmed from 1 to
64.
Figure 2: Activity Monitor
Applications can write to the following registers to
configure the activity monitor: Fill Obs Window,
Leak Obs Window, Bucket Size, Assert Threshold,
and De Assert Threshold.
Setting the bucket size to 0 will bypass the leak
bucket accumulator and assert or de-assert the activ-
ity alarm based on results of frequency detector and
pulse monitor only. A non-zero bucket size must be
greater than or equal to the alarm assert threshold
Leaky
Bucket
Accumulator
Leak Observation
Window, 1~16 x Fill
Observation Window
Fill Observa-
tion Window,
1ms ~ 16ms
Pulse
Monitor
Ref
Alarm Assert
Alarm De-Assert
Frequency
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com