Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 17 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 17 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 13Page - Connor-Winfield Corporation STC5455 Datasheet HTML 14Page - Connor-Winfield Corporation STC5455 Datasheet HTML 15Page - Connor-Winfield Corporation STC5455 Datasheet HTML 16Page - Connor-Winfield Corporation STC5455 Datasheet HTML 17Page - Connor-Winfield Corporation STC5455 Datasheet HTML 18Page - Connor-Winfield Corporation STC5455 Datasheet HTML 19Page - Connor-Winfield Corporation STC5455 Datasheet HTML 20Page - Connor-Winfield Corporation STC5455 Datasheet HTML 21Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Page 17 of 56 TM121 Rev: P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Functional Specification
Data sheet
Preliminary
Detailed Description
The STC5455 is a single chip solution for the syn-
chronous clock in SDH (SETS), SONET, and Syn-
chronous Ethernet network elements. The revolution-
ary pure-digital internal modules, DSP-based PLL
and clock synthesizer are used in the device so that
the overall characteristics are more stable compared
to ones in traditional method.
Chip Master Clock
The STC5455 operates with an external oscillator
(e.g., OCXO or TCXO) as its master clock on the pin
MCLK. Generally, user should select an oscillator has
great stability and low phase noise as the master
clock (MCLK).
The device supports four different accepted frequen-
cies of master clock: 10MHz, 12.8MHz, 19.2MHz,
and 20MHz. Initial default accepted frequency of
MCLK for STC5455 is 12.8MHz. When 10MHz,
19.2MHz, or 20MHz is selected as the frequency of
MCLK, the user must write register MCLK Freq
Reset three times consecutively, with no intervening
read/writes from/to other register. An internal soft-
reset will occur after three writes completed. The
accepted frequency of MCLK input returns to
12.8MHz following any regular reset. See register
MCLK Freq Reset for details.
In the meantime, the STC5455 allows user to read
three values at the register MCLK Freq Reset:
FRQID, COUNT, and ID Written Value.
FRQID
Indicates the ID of the frequency of MCLK that the
STC5455 currently accept.
COUNT
Indicates how many times the register MCLK Freq
Reset has been written to.
ID Written Value
Indicates the ID of associated value that is being writ-
ten to the register MCLK Freq Reset.
See the register MCLK Freq Reset for more details.
Freerun Clock
The STC5455 has an internal freerun clock synthe-
sized from the MCLK. The frequency offset of the
internal freerun clock can be calibrated by writing to
the register Freerun Cali. It has the stability of the
external TCXO/OCXO. The calibration offset may be
programmed
in
0.1ppm
steps
from
-102.4
to
+102.3ppm, in 2’s complement. This feature allow the
user can digitally calibrate the freerun clock without
physically adjusting the local oscillator.
Operation Mode
The STC5455 includes two timing generators, T0 and
T4 timing generators. Each timing generator has its
own PLL and can be individually operate in either
external-timing or self-timing mode. In external timing
mode, PLL of a timing generator phase-locks to a ref-
erence input. In self-timing mode, PLL simply oper-
ates
with
the
external
oscillator
(MCLK).
The
STC5455 supports four operation modes: freerun
(self-timing), synchronized (external-timing), pseudo-
holdover (self-timing) and holdover (self-timing).
Freerun Mode
Freerun mode is typically used during system’s initial-
ization stage when none of reference inputs is avail-
able and the clock synchronization has not been
achieved. The clock output generated from the
STC5455 in freerun mode is relative to the internal
freerun clock which is synthesized from MCLK. Fre-
quency of the internal freerun clock can be calibrated
by writing to the register Freerun Cali.
Synchronized Mode
In synchronized mode, the built-in PLL of the timing
generator locks to the selected reference input. Each
timing generator’s loop bandwidth is independently
programmable from 0.1Hz to 100Hz by writing to the
register Loop Bandwidth. The noise transfer func-
tion of the PLL is determined according to the loop
bandwidth and has maximum gain under 0.2dB. In
synchronized mode, the phase relationship between
the reference input and the clock output can be con-
figured as arbitrary or aligned for timing generator T0
at register Frame Phase Align. Timing generator T4
operates only in phase arbitrary mode.
Pseudo-Holdover Mode
In pseudo-holdover mode, the clock is synthesized
from the MCLK and an accumulated short-term his-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com