Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 41 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 41 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 37Page - Connor-Winfield Corporation STC5455 Datasheet HTML 38Page - Connor-Winfield Corporation STC5455 Datasheet HTML 39Page - Connor-Winfield Corporation STC5455 Datasheet HTML 40Page - Connor-Winfield Corporation STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Page 41 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Default value: 7
Frame_Phase_Align, 0x42 (R/W)
Selects frame reference input and the sampling of the selected reference for frame alignment. T4 timing gener-
ator does not support frame phase alignment.
Frame reference input selection:
Selects any one from the three external sync inputs as frame reference for Ref1~Ref5 individually. External
sync inputs can take frequency of 2kHz or 8kHz and this frequency is auto-detectable. When none of frame ref-
erence inputs is used, set 0 to select its own frame pulse output of CLK8K as frame reference.
Frame phase alignment and edge selection:
Selects either frame phase arbitrary mode or frame phase align mode. Selects the sampling edge on the
selected reference input in phase align mode. If phase arbitrary mode is selected, any selection of frame refer-
ence will be dismissed.
Default value: 0
Bit 0/1/2
Edge Select
0
Falling edge
1
Rising edge
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x42
Frame Phase Alignment
and Edge Selection for Ref2
Frame Reference Selec-
tion for Ref2
Frame Phase Alignment
and Edge Selection for Ref1
Frame Reference Selec-
tion for Ref1
0x43
Frame Phase Alignment
and Edge Selection for Ref4
Frame Reference Selec-
tion for Ref4
Frame Phase Alignment
and Edge Selection for Ref3
Frame Reference Selec-
tion for Ref3
0x44
Not used
Frame Phase Alignment
and Edge Selection for Ref5
Frame Reference Selec-
tion for Ref5
Bits 1 ~ 0
Bits 5 ~ 4
Frame Reference Select
0
Device’s own Frame8K
1
External frame sync input EX_SYNC1
2
External frame sync input EX_SYNC2
3
External frame sync input EX_SYNC3
Bits 3 ~ 2
Bits 7 ~ 6
Frame phase alignment
Frame Edge of Selected Reference Select
0
Frame phase arbitrary mode
Dismiss frame reference selection
1
Frame phase align mode
Rising edge nearest to the frame pulse on the
frame reference input
2
Rising edge previous to the frame pulse on
the frame reference input
3
Rising edge next to the frame pulse on the
frame reference input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com