Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 47 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 47 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation STC5455 Datasheet HTML 46Page - Connor-Winfield Corporation STC5455 Datasheet HTML 47Page - Connor-Winfield Corporation STC5455 Datasheet HTML 48Page - Connor-Winfield Corporation STC5455 Datasheet HTML 49Page - Connor-Winfield Corporation STC5455 Datasheet HTML 50Page - Connor-Winfield Corporation STC5455 Datasheet HTML 51Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Page 47 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
will trigger internal soft-reset. Initial default accepted frequency for STC5455 is 12.8MHz. The accepted fre-
quency of MCLK input returns to 12.8MHz following any regular reset.
Perform writes at least 50us after the regular reset has done.
Written value is shown below:
Register Read:
This register allows the user read back three values as follows:
FRQID
Indicates the ID of the frequency of MCLK that the STC5455 currently accept. Constant 1 can be read from
FRQID initially since the default accepted frequency for the STC5455 is 12.8MHz. The value of FRQID can
only be updated when three consecutive valid writes are written to the register MCLK_Freq_Reset completely.
COUNT
Indicates how many times this register has been written to. COUNT is set to 1 when each time a different valid
associated value is written to for the first time. COUNT is clear to 0 after three times valid writes are completed.
ID_Written_Value
Indicates the ID of the associated value that is being written to this register. The ID is updated when each time
a different valid associated value is written to this register for the first time.
Bit 7 ~ 0
External Oscillator Frequency Selection
0x11
10MHz
0x22
12.8MHz
0x44
19.2MHz
0x88
20MHz
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x7F
FRQID
COUNT
ID_Written_Value
Bit 7 ~ 6 FRQID
MCLK Frequency
0
10MHz
1
12.8MHz
2
19.2MHz
3
20MHz
Bit 5 ~ 4
COUNT
Counter
0
Not written or invalid
1
Once
2
Twice
3
Three times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com