Electronic Components Datasheet Search
  English  ▼

X  

STC5455 Datasheet(PDF) 35 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 35 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation STC5455 Datasheet HTML 32Page - Connor-Winfield Corporation STC5455 Datasheet HTML 33Page - Connor-Winfield Corporation STC5455 Datasheet HTML 34Page - Connor-Winfield Corporation STC5455 Datasheet HTML 35Page - Connor-Winfield Corporation STC5455 Datasheet HTML 36Page - Connor-Winfield Corporation STC5455 Datasheet HTML 37Page - Connor-Winfield Corporation STC5455 Datasheet HTML 38Page - Connor-Winfield Corporation STC5455 Datasheet HTML 39Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Page 35 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
SRCSW to hard-wired switch between two pre-selected reference inputs. See register
Hard-wired_Switch_Pre_Selection.
Default value: 0
Loop_Bandwidth, 0x21 (R/W)
Sets each timing generator’s loop bandwidth:
Default value: 6
Auto_Elect_Ref, 0x22 (R)
Indicates the auto-elect reference. The auto-elect reference is elected according to revertivity status, and each
reference’s priority and qualification. Reference auto-elector also elect the reference in manual reference
selection mode.
Manual_Select_Ref, 0x23 (R/W)
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x21
Bandwidth select
Field Value
Bandwidth, Hz
0
103
1
52
2
27
3
13
4
6.7
5
3.4
6
1.7
7
0.84
8
0.42
9
0.21
10
0.10
11~255
Reserved
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x22
Not used
Auto elected reference
Bit 3 ~ Bit 0
Selection
0
Freerun
1 ~5
Sync with Ref 1 ~ Ref 5
6 ~ 12
Reserved
13
Holdover
14 ~15
Reserved
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x23
Not used
Manually selected reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com