Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
RF69
Page 26
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
---------------------
---------------------
3.4.5. Quadrature Mixer - ADCs - Decimators
The mixer is inserted between output of the RF buffer stage and the input of the analog to digital converter (ADC) of the
receiver section. This block is designed to translate the spectrum of the input RF signal to base-band, and offer both high
IIP2 and IIP3 responses.
In the lower bands of operation (290 to 510 MHz), the multi-phase mixing architecture with weighted phases improves the
rejection of the LO harmonics in receiver mode, hence increasing the receiver immunity to out-of-band interferers.
The I and Q digitalization is made by two 5th order continuous-time Sigma-Delta Analog to Digital Converters (ADC). Their
gain is not constant over temperature, but the whole receiver is calibrated before reception, so that this inaccuracy has no
impact on the RSSI precision. The ADC output is one bit per channel. It needs to be decimated and filtered afterwards. This
ADC can also be used for temperature measurement, please refer to section 3.4.17 for more details.
The decimators decrease the sample rate of the incoming signal in order to optimize the area and power consumption of
the following receiver blocks.
3.4.6. Channel Filter
The role of the channel filter is to filter out the noise and interferers outside of the channel. Channel filtering on the RF69 is
implemented with a 16-tap Finite Impulse Response (FIR) filter, providing an outstanding Adjacent Channel Rejection
performance, even for narrowband applications.
Note
to respect oversampling rules in the decimation chain of the receiver, the Bit Rate cannot be set at a higher value
than 2 times the single-side receiver bandwidth (BitRate < 2 x RxBw)
The single-side channel filter bandwidth RxBw is controlled by the parameters RxBwMant and RxBwExp in RegRxBw:
 When FSK modulation is enabled:
 When OOK modulation is enabled:
RxBw = -----------------------
FXOSC
---------------------
RxBwMant  2
R x B w E x p + 2
RxBw = -----------------------
FXOSC
---------------------
RxBwMant  2
R x B w E x p + 3
The following channel filter bandwidths are accessible (oscillator is mandated at 32 MHz):
Table 14 Available RxBw Settings
RxBwMant
RxBwExp
RxBw (kHz)
(binary/value)
(decimal)
FSK
ModulationType=00
OOK
ModulationType=01
10b / 24
7
2.6
1.3
01b / 20
7
3.1
1.6
00b / 16
7
3.9
2.0
10b / 24
6
5.2
2.6
01b / 20
6
6.3
3.1
00b / 16
6
7.8
3.9
10b / 24
5
10.4
5.2
01b / 20
5
12.5
6.3
00b / 16
5
15.6
7.8
10b / 24
4
20.8
10.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com