Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
RF69
Page 49
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.4. Continuous Mode
5.4.1. General Description
As illustrated in Figure 29, in Continuous mode the NRZ data to (from) the (de)modulator is directly accessed by the uC on
the bidirectional DIO2/DATA pin. The FIFO and packet handler are thus inactive.
Tx/Rx
CONTROL
DIO0
DIO1/DCLK
DIO2/DATA
DIO3
DIO4
DIO5
Data
Rx
SYNC
RECOG.
SPI
NSS
SCK
MOSI
MISO
Figure 29. Continuous Mode Conceptual View
5.4.2. Tx Processing
In Tx mode, a synchronous data clock for an external uC is provided on DIO1/DCLK pin. Clock timing with respect to the
data is illustrated in Figure 30. DATA is internally sampled on the rising edge of DCLK so the uC can change logic state
anytime outside the grayed out setup/hold zone.
T_DATA
T_DATA
DATA
(NRZ)
DCLK
Figure 30. Tx Processing in Continuous Mode
Note
the use of DCLK is required when the modulation shaping is enabled (see section 3.3.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com