Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
RF69
Page 66
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.3. Transmitter Registers
Table 25 Transmitter Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
RegPaLevel
(0x11)
7
Pa0On *
rw
1
Enables PA0, connected to RFIO and LNA
6
Pa1On *
rw
0
Enables PA1, on PA_BOOST pin
5
Pa2On *
rw
0
Enables PA2, on PA_BOOST pin
4-0
OutputPower
rw
11111
Output power setting, with 1 dB steps
Pout = -18 + OutputPower [dBm] , with PA0
Pout = -18 + OutputPower [dBm] , with PA1**
Pout = -14+ OutputPower [dBm] , with PA1 and PA2**
Pout = -11 + OutputPower [dBm] , with PA1 and PA2, and
high Power PA settings (refer to section 3.3.7)**
RegPaRamp
(0x12)
7-4
-
r
0000
unused
3-0
PaRamp
rw
1001
Rise/Fall time of ramp up/down in FSK
0000 → 3.4 ms
0001 → 2 ms
0010 → 1 ms
0011 → 500 us
0100 → 250 us
0101 → 125 us
0110 → 100 us
0111 → 62 us
1000 → 50 us
1001 → 40 us
1010 → 31 us
1011 → 25 us
1100 → 20 us
1101 → 15 us
1110 → 12 us
1111 → 10 us
RegOcp
(0x13)
7-5
-
r
000
unused
4
OcpOn
rw
1
Enables overload current protection (OCP) for the PA:
0 → OCP disabled
1 → OCP enabled
3-0
OcpTrim
rw
1010
Trimming of OCP current:
Imax = 45 + 5 

95 mA OCP by default
Note
*Power Amplifier truth table is available in Table 10
** Only the16 upper values of OutputPower are accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com