Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
RF69
Page 50
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.4.3. Rx Processing
If the bit synchronizer is disabled, the raw demodulator output is made directly available on DATA pin and no DCLK signal
is provided.
Conversely, if the bit synchronizer is enabled, synchronous cleaned data and clock are made available respectively on
DIO2/DATA and DIO1/DCLK pins. DATA is sampled on the rising edge of DCLK and updated on the falling edge as
illustrated below.
DATA (NRZ)
DCLK
Figure 31. Rx Processing in Continuous Mode
Note
in Continuous mode it is always recommended to enable the bit synchronizer to clean the DATA signal even if the
DCLK signal is not used by the uC (bit synchronizer is automatically enabled in Packet mode).
5.5. Packet Mode
5.5.1. General Description
In Packet mode the NRZ data to (from) the (de)modulator is not directly accessed by the uC but stored in the FIFO and
accessed via the SPI interface.
In addition, the RF69 packet handler performs several packet oriented tasks such as Preamble and Sync word generation,
CRC
calculation/check,
whitening/dewhitening of
data,
Manchester
encoding/decoding,
address
filtering,
AES
encryption/decryption, etc. This simplifies software and reduces uC overhead by performing these repetitive tasks within
the RF chip itself.
Another important feature is ability to fill and empty the FIFO in Sleep/Stdby mode, ensuring optimum power consumption
and adding more flexibility for the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com