Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
RF69
Page 65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RegListen1
(0x0D)
7-6
ListenResolIdle
rw
10
Resolution of Listen mode Idle time (calibrated RC osc):
00 → reserved
01 → 64 us
10 → 4.1 ms
11 → 262 ms
5-4
ListenResolRx
rw
01
Resolution of Listen mode Rx time (calibrated RC osc):
00 → reserved
01 → 64 us
10 → 4.1 ms
11 → 262 ms
3
ListenCriteria
rw
0
Criteria for packet acceptance in Listen mode:
0 → signal strength is above RssiThreshold
1 → signal strength is above RssiThreshold and
SyncAddress matched
2-1
ListenEnd
rw
01
Action taken after acceptance of a packet in Listen mode:
00 → chip stays in Rx mode. Listen mode stops and must
be disabled (see section 4.3).
01 → chip stays in Rx mode until PayloadReady or
Timeout interrupt occurs. It then goes to the mode defined
by Mode. Listen mode stops and must be disabled (see
section 4.3).
10 → chip stays in Rx mode until PayloadReady or
Timeout interrupt occurs. Listen mode then resumes in
Idle state. FIFO content is lost at next Rx wakeup.
11 → Reserved
0
-
r
0
unused
RegListen2
(0x0E)
7-0
ListenCoefIdle
rw
0xf5
Duration of the Idle phase in Listen mode.
tListenIdle  ListenCoefIdle  ListenResolIdle
RegListen3
(0x0F)
7-0
ListenCoefRx
rw
0x20
Duration of the Rx phase in Listen mode (startup time
included, see section 4.2.3)
tListenRx  ListenCoefRx ListenResolRx
RegVersion
(0x10)
7-0
Version
r
Version code of the chip. Bits 7-4 give the full revision number;
bits 3-0 give the metal mask revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com