Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
RF69
Page 36
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
,
4.2.1. Transmitter Startup Time
The transmitter wake-up time, TS_TR, is given by the sequence controlled by the digital part. It is a pure digital delay which
depends on the bit rate and the ramp-up time. In FSK mode, this time can be derived from the following equation.
where PaRamp is the ramp-up time programmed in RegPaRamp and Tbit is the bit time.
In OOK mode, this equation can be simplified to the following:
Tx startup request
(sequencer or user)
TS_TR
XO Started and PLL is locked
Analog
group delay
0.5 x Tbit
1.25 x PaRamp
(only in FSK
mode)
Transmission of Packet
5 us
ModeReady
TxReady
Figure 17. Tx Startup, FSK and OOK
4.2.2. Tx Start Procedure
As described in the former section, ModeReady and TxReady interrupts warn the uC that the transmitter is ready to
transmit data
 In Continuous mode, the preamble bits preceding the payload can be applied on the DIO2/DATA pin immediately after
any of these interrupts have fired. The DCLK signal, activated on pin DIO1/DCLK can also be used to start toggling the
DATA pin, as described on Figure 30.
 In Packet mode, the RF69 will automatically modulate the RF signal with preamble bytes as soon as TxReady or
ModeReady happen. The actual packet transmission (starting with the number of preambles specified in PreambleSize)
will start when the TxStartCondition is fulfilled.
4.2.3. Receiver Startup Time
It is highly recommended to use the built-in sequencer of the RF69, to optimize the delays when setting the chip in
receive mode. It guarantees the shortest startup times, hence the lowest possible energy usage, for battery operated
systems.
The startup times of the receiver can be calculated from the following:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com