Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
RF69
Page 27
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
01b / 20
4
25.0
12.5
00b / 16
4
31.3
15.6
10b / 24
3
41.7
20.8
01b / 20
3
50.0
25.0
00b / 16
3
62.5
31.3
10b / 24
2
83.3
41.7
01b / 20
2
100.0
50.0
00b / 16
2
125.0
62.5
10b / 24
1
166.7
83.3
01b / 20
1
200.0
100.0
00b / 16
1
250.0
125.0
10b / 24
0
333.3
166.7
01b / 20
0
400.0
200.0
00b / 16
0
500.0
250.0
3.4.7. DC Cancellation
DC cancellation is required in zero-IF architecture transceivers to remove any DC offset generated through self-reception.
It is built-in the RF69 and its adjustable cutoff frequency fc is controlled in RegRxBw:
Table 15 Available DCC Cutoff Frequencies
DccFreq
in RegRxBw
fc in
% of RxBw
000
16
001
8
010 (default)
4
011
2
100
1
101
0.5
110
0.25
111
0.125
The default value of DccFreq cutoff frequency is typically 4% of the RxBw (channel filter BW). The cutoff frequency of the
DCC can however be increased to slightly improve the sensitivity, under wider modulation conditions. It is advised to adjust
the DCC setting while monitoring the receiver sensitivity.
3.4.8. Complex Filter - OOK
In OOK mode the RF69 is modified to a low-IF architecture. The IF frequency is automatically set to half the single side
bandwidth of the channel filter (FIF = 0.5 x RxBw). The Local Oscillator is automatically offset by the IF in the OOK receiver.
A complex filter is implemented on the chip to attenuate the resulting image frequency by typically 30 dB.
Note
this filter is automatically bypassed when receiving FSK signals (ModulationType = 00 in RegDataModul).
3.4.9. RSSI
The RSSI block evaluates the amount of energy available within the receiver channel bandwidth. Its resolution is 0.5 dB,
and it has a wide dynamic range to accommodate both small and large signal levels that may be present. Its acquisition
time is very short, taking only 2 bit periods. The RSSI sampling must occur during the reception of preamble in FSK, and
constant
“ 1 ”
reception in
OOK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com