Electronic Components Datasheet Search
  English  ▼

X  

RF69 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
RF69
Page 32
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
SX1239
=
signed result is loaded in FeiValue in RegFei, in 2
‟ s complement format. The time required for an FEI evaluation is 4 times
the bit period.
To ensure a proper behavior of the FEI:
 The operation must be done during the reception of preamble
 The sum of the frequency offset and the 20 dB signal bandwidth must be lower than the base band filter bandwidth
The 20 dB bandwidth of the signal can be evaluated as follows (double-side bandwidth):


The frequency error, in Hz, can be calculated with the following formula:
RF69 in R x m ode
Preamble-modulated input signal
Signal level > Sensitivit y
Set FeiStart
= 1
FeiDone
N o
= 1
Yes
Read
FeiValue
Figure 14. FEI Process
3.4.15. Automatic Frequency Correction
The AFC is based on the FEI block, and therefore the same input signal and receiver setting conditions apply. W hen the
AFC procedure is done, AfcValue is directly subtracted to the register that defines the frequency of operation of the chip,
FRF. The AFC can be launched:
 Each time the receiver is enabled, if AfcAutoOn = 1
 Upon user request, by setting bit AfcStart in RegAfcFei, if AfcAutoOn = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com