| Electronic Components Datasheet Search |
|
RF69 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF69 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers |
|
58 / 81 page ![]() RF69 Page 57 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com 5.5.7.2. Address Based Address filtering can be enabled via the AddressFiltering bits. It adds another level of filtering, above Sync word (i.e. Sync must match first), typically useful in a multi-node networks where a network ID is shared between all nodes (Sync word) and each node has its own ID (address). Two address based filtering options are available: AddressFiltering = 01: Received address field is compared with internal register NodeAddress. If they match then thepacket is accepted and processed, otherwise it is discarded. AddressFiltering = 10: Received address field is compared with internal registers NodeAddress and BroadcastAddress.If either is a match, the received packet is accepted and processed, otherwise it is discarded. This additional check with a constant is useful for implementing broadcast in a multi-node networks Please note that the received address byte, as part of the payload, is not stripped off the packet and is made available in the FIFO. In addition, NodeAddress and AddressFiltering only apply to Rx. On Tx side, if address filtering is expected, the address byte should simply be put into the FIFO like any other byte of the payload. As address filtering requires a Sync word match, both features share the same interrupt flag SyncAddressMatch. 5.5.7.3. Length Based In variable length Packet mode, PayloadLength must be programmed with the maximum payload length permitted. If received length byte is smaller than this maximum then the packet is accepted and processed, otherwise it is discarded. Please note that the received length byte, as part of the payload, is not stripped off the packet and is made available in the FIFO. To disable this function the user should set the value of the PayloadLength to 255. 5.5.7.4. CRC Based The CRC check is enabled by setting bit CrcOn in RegPacketConfig1. It is used for checking the integrity of the message. On Tx side a two byte CRC checksum is calculated on the payload part of the packet and appended to the end of the message On Rx side the checksum is calculated on the received payload and compared with the two checksum bytes received.The result of the comparison is stored in bit CrcOk. By default, if the CRC check fails then the FIFO is automatically cleared and no interrupt is generated. This filtering function can be disabled via CrcAutoClearOff bit and in this case, even if CRC fails, the FIFO is not cleared and only PayloadReady interrupt goes high. Please note that in both cases, the two CRC checksum bytes are stripped off by the packet handler and only the payload is made available in the FIFO. The CRC is based on the CCITT polynomial as shown below. This implementation also detects errors due to leading and trailing zeros. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |