Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 5 Page - Texas Instruments

  LM3673 Datasheet HTML 1Page - Texas Instruments LM3673 Datasheet HTML 2Page - Texas Instruments LM3673 Datasheet HTML 3Page - Texas Instruments LM3673 Datasheet HTML 4Page - Texas Instruments LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
7.5 Electrical Characteristics
Typical limits apply for TJ = 25°C. Unless otherwise specified, minimum and maximum limits apply over the full operating
ambient temperature range (
−30°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to the LM3673TL with VIN =
EN = 3.6 V.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
See(4)
2.7
5.5
V
Feedback voltage (fixed /
PWM mode(5)
–2.5%
2.5%
ADJ)
Line regulation
2.7 V
≤ VIN ≤ 5.5 V
VFB
0.025
%/V
IOUT = 20 mA
Load regulation
150 mA
≤ IOUT ≤ 350 mA
0.0015
%/mA
VIN= 3.6 V
VREF
Internal reference voltage
0.5
V
ISHDN
Shutdown supply current
EN = 0V
0.01
1
µA
DC bias current into VIN
No load, device is not switching (FB forced
IQ
16
35
µA
higher than programmed output voltage)
RDSON (P)
Pin-pin resistance for PFET
VIN= VGS= 3.6 V, TA = 25°C
350
450
m
Ω
RDSON (N)
Pin-pin resistance for NFET
VIN= VGS= 3.6 V, TA = 25°C
150
250
m
Ω
ILIM
Switch peak current limit
Open loop(6)
590
750
855
mA
VIH
Logic high input
1
V
VIL
Logic low input
0.4
V
IEN
Enable (EN) input current
0.01
1
µA
ƒOSC
Internal oscillator frequency
PWM mode(5)
1.6
2
2.6
MHz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the
most likely norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.6 V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages are as follows: VIN = 2.7 V to
4.5 V for 1.1 V
≤ VOUT < 1.5 V; VIN = 2.7 V to 5.5 V for 1.5 V ≤ VOUT < 1.8 V; VIN = (VOUT+ VDROPOUT) to 5.5 V for 1.8 V ≤ VOUT ≤ 3.3 V,
where VDROPOUT = ILOAD × (RDSON, PFET + RINDUCTOR).
(5)
Test condition: for VOUT less than 2.5 V, VIN = 3.6 V; for VOUT greater than or equal to 2.5 V, VIN = VOUT + 1 V.
(6)
Refer to for closed-loop data and its variation with regards to supply voltage and temperature. Electrical Characteristics reflects open-
loop data (FB = 0 V and current drawn from SW pin ramped up until cycle-by-cycle current limit is activated). Closed-loop current limit is
the peak inductor current measured in the application circuit by increasing output current until output voltage drops by 10%.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com